Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 29Page - STMicroelectronics STE10 Datasheet HTML 30Page - STMicroelectronics STE10 Datasheet HTML 31Page - STMicroelectronics STE10 Datasheet HTML 32Page - STMicroelectronics STE10 Datasheet HTML 33Page - STMicroelectronics STE10 Datasheet HTML 34Page - STMicroelectronics STE10 Datasheet HTML 35Page - STMicroelectronics STE10 Datasheet HTML 36Page - STMicroelectronics STE10 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
33/66
STE10/100
0
EXT
Extended register support.
Always 1, since STE10/100 supports extended register
1RO
LL* = Latching Low and clear by read. LH* = Latching High and clear by read.
XR2(offset = bch) - PID1, PHY identifier 1
15~0
PHYID1
Part one of PHY Identifier.
Assigned to the 3rd to 18th bits of the Organizationally Unique
Identifier.
0382h
RO
XR3(offset = c0h) - PID2, PHY identifier 2
15~10
PHYID2
Part two of PHY Identifier.
Assigned to the 19th to 24th bits of the Organizationally Unique
Identifier (OUI).
010010b
RO
9~4
MODEL
Model number of STE10/100.
6-bit manufacturer’s model number.
000001b
RO
3~0
REV
Revision number of STE10/100.
4-bits manufacturer’s revision number.
0000b
RO
XR4(offset = c4h) - ANA, Auto-Negotiation Advertisement
15
NXTPG
Next Page ability.
Always 0; STE10/100 does not provide next page ability.
0RO
14
---
reserved
13
RF
Remote Fault function.
1: remote fault function present
0
R/W
12,11
---
reserved
10
FC
Flow Control function Ability.
1: supports PAUSE operation of flow control for full duplex link.
1
R/W
9
T4
100BASE-T4 Ability.
Always 0; STE10/100 does not provide 100BASE-T4 ability.
0RO
8
TXF
100BASE-TX Full duplex Ability.
1: 100Base-TX full duplex ability supported
1
R/W
7
TXH
100BASE-TX Half duplex Ability.
1: 100Base-TX ability supported.
1
R/W
6
10F
10BASE-T Full duplex Ability.
1: 10Base-T full duplex ability supported.
1
R/W
5
10H
10BASE-T Half duplex Ability.
1: 10Base-T ability supported.
1
R/W
4~0
SF
Select field. Default 00001=IEEE 802.3
00001
RO
XR5(offset = c8h) - ANLP, Auto-Negotiation Link Partner ability
15
LPNP
Link partner Next Page ability.
0: link partner without next page ability.
1: link partner with next page ability.
0RO
Table 8. Transceiver registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com