Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 36Page - STMicroelectronics STE10 Datasheet HTML 37Page - STMicroelectronics STE10 Datasheet HTML 38Page - STMicroelectronics STE10 Datasheet HTML 39Page - STMicroelectronics STE10 Datasheet HTML 40Page - STMicroelectronics STE10 Datasheet HTML 41Page - STMicroelectronics STE10 Datasheet HTML 42Page - STMicroelectronics STE10 Datasheet HTML 43Page - STMicroelectronics STE10 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
STE10/100
40/66
13-12
-----
Reserved
11
LO
Loss of carrier
10
NC
No carrier
9
LC
Late collision
8
EC
Excessive collision
7
HF
Heartbeat fail
6-3
CC
Collision count
2
-----
Reserved
1
UF
Under-run error
0
DE
Deferred
TDES1
31
IC
Interrupt completed
30
LS
Last descriptor
29
FS
First descriptor
28,27
---
Reserved
26
AC
Disable add CRC function
25
TER
End of Ring
24
TCH
2nd address chain. Indicates that the buffer 2 address is the next descriptor address
23
DPD
Disable padding function
22
---
Reserved
21-11
TBS2
Buffer 2 size
10-0
TBS1
Buffer 1 size
TDES2
31~0
BA1
Buffer Address 1. No alignment limitations imposed on the transmission buffer address.
TDES3
31~0
BA2
Buffer Address 2. No alignment limitations imposed on the transmission buffer address.
Table 12. Transmit Descriptor Descriptions
Bit#
Name
Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com