Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 19Page - STMicroelectronics STE10 Datasheet HTML 20Page - STMicroelectronics STE10 Datasheet HTML 21Page - STMicroelectronics STE10 Datasheet HTML 22Page - STMicroelectronics STE10 Datasheet HTML 23Page - STMicroelectronics STE10 Datasheet HTML 24Page - STMicroelectronics STE10 Datasheet HTML 25Page - STMicroelectronics STE10 Datasheet HTML 26Page - STMicroelectronics STE10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
23/66
STE10/100
30
CRCT
CRC-16 Type
0: Initial contents = 0000h
1: Initial contents = FFFFh
0
R/W
29
WP1E
Wake-up Pattern One Matched Enable.
0
R/W
28
WP2E
Wake-up Pattern Two Matched Enable.
0
R/W
27
WP3E
Wake-up Pattern Three Matched Enable.
0
R/W
26
WP4E
Wake-up Pattern Four Matched Enable.
0
R/W
25
WP5E
Wake-up Pattern Five Matched Enable.
0
R/W
24-18
---
Reserved
17
LinkOFF
Link Off Detect Enable. The STE10/100 will set the LSC bit of
CSR13 after it has detected that link status has transitioned
from ON to OFF.
0
R/W
16
LinkON
Link On Detect Enable. The STE10/100 will set the LSC bit of
CSR13 after it has detected that link status has transitioned
from OFF to ON.
0
R/W
15-11
---
Reserved
10
WFRE
Wake-up Frame Received Enable. The STE10/100 will
include the “Wake-up Frame Received” event in its set of
wake-up events. If this bit is set, STE10/100 will assert
PMEST bit of PMR1 (CR49) after STE10/100 has received a
matched wake-up frame.
0
R/W
9
MPRE
Magic Packet Received Enable. The STE10/100 will include
the “Magic Packet Received” event in its set of wake-up
events. If this bit is set, STE10/100 will assert PMEST bit of
PMR1 (CR49) after STE10/100 has received a Magic packet.
Default 1 if
PM & WOL
bits of CSR
18 are both
enabled.
R/W
8
LSCE
Link Status Changed Enable. The STE10/100 will include the
“Link Status Changed” event in its set of wake-up events. If
this bit is set, STE10/100 will assert PMEST bit of PMR1 after
STE10/100 has detected a link status changed event.
0
R/W
7-3
---
Reserved
2
WFR
Wake-up Frame Received,
1: Indicates STE10/100 has received a wake-up frame. It is
cleared by writing a 1 or upon power-up reset. It is not
affected by a hardware or software reset.
X
R/W1C*
1
MPR
Magic Packet Received,
1: Indicates STE10/100 has received a magic packet. It is
cleared by writing a 1 or upon power-up reset. It is not
affected by a hardware or software reset.
X
R/W1C*
0
LSC
Link Status Changed,
1: Indicates STE10/100 has detected a link status change
event. It is cleared by writing a 1 or upon power-up reset. It
is not affected by a hardware or software reset.
X
R/W1C*
R/W1C*, Read Only and Write one cleared.
Table 6. Control/Status register description
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com