Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE10 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 43Page - STMicroelectronics STE10 Datasheet HTML 44Page - STMicroelectronics STE10 Datasheet HTML 45Page - STMicroelectronics STE10 Datasheet HTML 46Page - STMicroelectronics STE10 Datasheet HTML 47Page - STMicroelectronics STE10 Datasheet HTML 48Page - STMicroelectronics STE10 Datasheet HTML 49Page - STMicroelectronics STE10 Datasheet HTML 50Page - STMicroelectronics STE10 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
47/66
STE10/100
6.3.2 Transmit pre-fetch data flow
s
Transmit FIFO size=2K-byte
s
two packets in the FIFO at the same time
s
meet the transmit min. back-to-back
Figure 10. Transmit data flow of pre-fetch data
6.3.3 Transmit early interrupt Scheme
Figure 11. Transmit normal interrupt and early interrupt comparison
place the 1st packet data into host memory
issue transmit demand
FIFO-to-host memory operation (1st packet)
time
Transmit enable
place the 2nd packet data into host memory
check the next
packet
check point
FIFO-to-host memory operation (2nd packet)
transmit threshold
place the 3rd packet data into host memory
1st packet is
transmitted, check
the 3rd packet
FIFO-to-host memory operation (3rd packet)
IFG
check point
1st packet
2nd packet
: handled by driver
: handled by STE10/100
Host to TX-FIFO Memory
Operation
Transmit data from FIFO to Media
Normal Interrupt after Transmit
Completed
Driver return buffer to upper layer
Early Interrupt after Host to TX-
FIFO Operation Completed
Driver return buffer to upper layer
The saved time when transmit
early interrupt is implemented
time
: handled by STE10/100
: handled by driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com