Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 3Page - STMicroelectronics STLC5046 Datasheet HTML 4Page - STMicroelectronics STLC5046 Datasheet HTML 5Page - STMicroelectronics STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FUNCTIONAL DESCRIPTION
POWER ON INITIALIZATION
When power is first applied it is recommended to
reset
the
device by
forcing the
condition
M1.0=00, in order to to clear all the internal regis-
ters.
In MCU mode M0 is set steadily Low and the de-
vice is reset by applying a negative pulse to M1
(its operative level in MCU mode is High); same
result can be obtained by writing an High level
into the control bit RES of the CONF register.
In Pin-strap mode M1 is set steadily Low and the
device is reset by applying a negative pulse to
M0 (its operative level in Pin-strap mode is High);
at the end of the Reset phase (M0=High) the de-
vice is programmed according to the logical con-
figuration of the control pins.
During the Reset condition all the I/On and CS_n
pins are set as inputs , DX is set in high imped-
ance and all VFROn outputsare forced to AGND.
POWER DOWN STATE
Each of the four channel may be put into power
down mode by setting the appropriate bit in the
CONF register or strapping to VDD the proper
pin. In this mode the eventual programmed DX
channel is set in high impedance while the VFRO
outputs are forced to AGND. In Pin strap mode
the value forced on the input pin is internally up-
dated every FS signal.
TRANSMIT PATH
The analog VFXI signal through
an amplifier
stage is applied to a PCM converter and the cor-
responding digital signal is sent to DX output.
In MCU mode, the amplifier gain can be pro-
grammed with two different values by means of
TXG Reg. : 0dB or +3.52 dB.
A programmable gain block after the A/D conver-
sion allows to set transmit gain in 12dB range,
with steps <0.1dB by writing proper code into
GTXn register.
Setting GTXn=00h , the transmitted signal is
muted, i.e. an idle PCM signal is generated on
DX.
A/
µ coding Law is selected by bit5 (AMU) of
CONF reg.
Setting LIN=1 (bit6 of CONF reg.) the Linear cod-
ing Law is selected (16bits); in this case the sig-
nal sent on DX will take two adjacent PCM time
slots.
In Pin-strap mode, the amplifier gain is set to
0dB; only two values of Transmit gain can be se-
lected according to the level of GXn control input
(in Pin-strap):
GXn=1
selects
the
gain
corresponding
to
GTXn=FFh (0dB)
GXn=0
selects
the
gain
corresponding
to
GTXn=8Fh ( -3.5dB)
Different gain value is obtained through proper
voltage divider.
A/
µ coding Law is selected according to AMU pin
level:
AMU=0
µ-Law selected.
AMU=1
A-Law selected.
VFXI input must be AC coupled to the signal
source; the voltage swing allowed is 1.0Vpp
VFRO
A/µ
DR
GR
8 bit linear
1/4 to 1
Σ∆
conv.
RXG:
0dB
-1.94d B
-4.44d B
-7.96d B
-13. 98dB
for RXG=0dB; GR=0dB (FF)
0dBm0 => -3dBm|600Ω
Figure 2. Receive path.
VFXI
TXG: 0dB
+3.52dB
1M
Ω
Σ∆
conv.
GX
A/
µ
8 bit linear
1/4 to 1
AGND
for TXG=0dB; GX=0dB (FF)
-15dBm|600Ω
0dBm0
DX
Figure 1. Transmit path.
STLC5046
7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com