Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics STLC5046 Datasheet HTML 21Page - STMicroelectronics STLC5046 Datasheet HTML 22Page - STMicroelectronics STLC5046 Datasheet HTML 23Page - STMicroelectronics STLC5046 Datasheet HTML 24Page - STMicroelectronics STLC5046 Datasheet HTML 25Page - STMicroelectronics STLC5046 Datasheet HTML 26Page - STMicroelectronics STLC5046 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
TRANSMISSION CHARACTERISTICS
TRANSMISSION TRANSFER CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Absolute levels (see Table 19)
The nominal 0dBm0 levels are:
TXG = 0dB, GTXn = 0dB (FF)
137
mVrms
GXA
Transmit gain Absolute accuracy
-0.15
0.15
dB
GXAG
Transmit gain variation with
programmed gain (within 3dB
from max. dig. level)
-0.2
+0.2
dB
GFX
Gain variation with frequency
(relative to gain at 1004Hz);
0dBm0 input signal
50Hz
60Hz
200Hz
300-3000Hz
3400Hz
4000Hz
4600Hz and above
-1.8
-0.15
-0.7
-20
-20
0
0.15
0
-14.0
-32.0
dB
GAXT
Gain variation with temperature
-0.10
0.10
dB
GAXE
Gain variation with Supplies
±5% 0dBm0 Input Signal
-0.05
0.05
dB
GTX
Gain Tracking with Tone
(1004Hz
µ Law, 820Hz ALaw)
GSX = 3 to -40dBm0
GSX = -40 to -50dBm0
GSX = -50 to -55dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
QDX
Quantization Distortion with
Tone (1004Hz
µ Law, 820Hz
ALaw)
VFXI = +3dbm0
VFXI = 0 to -30dBm0
VFXI = -40dBm0
VFXI = -45dBm0
33
36
30
25
dB
NCT
Transmit Noise C Message
Weighted (
µ Law)
12
dBrnCo
NPT
Transmit Noise Psophometric
Weighted (A Law)
-68
dBm0p
DDX
(1)
Differential Envelope Delay (1
to 2.56KHz Input Sinewave @
0dBm0)
500Hz
604Hz
1000Hz
1792Hz
2604Hz
2792Hz
170
110
25
0
70
95
µs
DAX
(1)
Absolute Delay @ 1KHz
500 to 2800Hz
420
µs
DPXM
Single Frequency Distortion
(Mu Law 0dBm0 Sinewave @
1004Hz)
-46
dB
DPXA
Single Frequency Distortion
(ALaw 0dBm0Sinewave @ 820Hz)
-46
dB
RECEIVE TRANSFER CHARACTERISTICS
Absolute levels
The nominal 0dBm) levels are
VFRO:
RGX = 0dB, GRXn = 0db (FF)
547
mVrms
GRA
Transmit gain Absolute accuracy
(within 3dB from max. dig. level)
-0.15
0.15
dB
(1) Typical value not tested in production.
STLC5046
24/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com