Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics STLC5046 Datasheet HTML 21Page - STMicroelectronics STLC5046 Datasheet HTML 22Page - STMicroelectronics STLC5046 Datasheet HTML 23Page - STMicroelectronics STLC5046 Datasheet HTML 24Page - STMicroelectronics STLC5046 Datasheet HTML 25Page - STMicroelectronics STLC5046 Datasheet HTML 26Page - STMicroelectronics STLC5046 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SLIC CONTROL INTERFACE TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
TCS
Chip Select repetition rate
31.25
µs
tcsw
Chip select pulse width
3.90
µs
tDIV
Time CS low to data input valid
1.65
µs
tDII
Time data input invalid to CS high
1.65
µs
tDOA
Time data output available to CS low
1.8
µs
tDON
Time CS high to data output not available
1.8
µs
123
BYTE 1
BYTE 2
4567
8
234
5678
1
6
5432
10
7
tRC
tSSC
tHCS
tHCS
tSCS
tSCS
tDSD
tDCD
tHCS
tHCD
te
tSDC
CCLK
CS-
CO
CI
tFC
tWCH
tWCL
tHSC
tDDZ
76
5432
1
0
D99TL454
Figure 7. Serial control port timing.
tDOA
tDON
31.25
µs (32KHz)
tDIV
CS1
CS2
CS3
CS4
IO
(OUT)
IO
(IN)
OUT
CH0
IN
CH0
OUT
CH1
IN
CH1
OUT
CH2
IN
CH2
OUT
CH3
IN
CH3
OUT
CH0
D99TL460
IN
CH0
OUT
CH1
IN
CH1
tDII
Figure 8. SLIC Control port timing.
STLC5046
23/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com