Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics STLC5046 Datasheet HTML 16Page - STMicroelectronics STLC5046 Datasheet HTML 17Page - STMicroelectronics STLC5046 Datasheet HTML 18Page - STMicroelectronics STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
on carrying the PCM signal to be decoded and
tranferred to VFRO2 output.If linear mode is se-
lected (LIN=1 of CONF register) the 16 bits will
be used as linear code as follows: the 8most sig-
nificative bits in the programmed time slot, the 8
least significative bits in the following timeslot.
Example: if R26..R20=00:
TS0
TS1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Pin strap value (value=80h)
100
00
00
0
Referred to FS2.
Receive Time Slot channel #3 (DRA3)
Addr=1Ah; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN3
R36
R35
R34
R33
R32
R31
R30
EN3=0:
Disable reception of selected time slot.
EN3=1:
Selected receive time slot on DR input is
PCM decoded and tranferred to VFRO1
output.
R36..0:Define receive time slot number (0 to 127)
on carrying the PCM signal to be decoded and
tranferred to VFRO2 output.If linear mode is se-
lected (LIN=1 of CONF register) the 16 bits will
be used as linear code as follows: the 8most sig-
nificative bits in the programmed time slot, the 8
least significative bits in the following timeslot.
Example: if R36..R30=00:
TS0
TS1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Pin strap value (value=80h)
100
00
00
0
Referred to FS3.
PCM Shift Register (PCMSH)
Addr=1Bh; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XS2
XS1
XS0
RS2
RS1
RS0
XS2..0:Effective start of the TX frame is the pro-
grammed values of clock pulses (0 to 7) after the
FS rising edge.
RS2..0:Effective start of the RX frame is the pro-
grammed values of clock pulses (0 to 7) after the
FS rising edge.
Pin strap value (value=00h):
000
0
0
000
Interrupt Mask Register for I/O port (DMASK)
Addr=1Ch; Reset Value=FFh
Addr=1Dh; Reset Value=XFh
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
MD11 MD10 MD9
MD8
MD11..0=1: The corresponding I/O doesn’t gen-
erate interrupt.
MD11..0=0: The corresponding I/O (programmed
as Input) generate interrupt if a change of status
is detected.
Input lines with persistency check generate inter-
rupt if the changed status remains stable longer
than the
time programmed in the persistency
check registers PCHKA/B. Lines without persis-
tance check generate an immediate interrupt re-
quest.
Mask register has no effect on those pins config-
ured as outputs, those pins will not generate in-
terrupt.
Pin strap value.
111
1
1
111
1
111
Interrupt Mask Register for CD port (CMASK)
Addr=1Eh; Reset Value=XFh
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MC3
MC2
MC1
MC0
In MCU mode, dynamic I/O configuration, MCn
bits are the disable/enable interrupt related to the
channel n :
MC3..0= 0 Any I/O line of the related channel is
enabled to generate interrupt depending on
DMASK setting.
MC3..0=1
Any I/O line of the related chanel is
disabled to generate interrupt indipendently of
DMASK setting.
In MCU mode, static I/O configuration, MCn bits
are the interrupt mask bits related to CSn that
are configured as I/O lines.
MC3..0=1: The corresponding I/O doesn’t gener-
ate interrupt.
MC3..0=0: The corresponding I/O generate inter-
rupt if a change of status is detected.
STLC5046
16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com