Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5046 Datasheet HTML 1Page - STMicroelectronics STLC5046 Datasheet HTML 2Page - STMicroelectronics STLC5046 Datasheet HTML 3Page - STMicroelectronics STLC5046 Datasheet HTML 4Page - STMicroelectronics STLC5046 Datasheet HTML 5Page - STMicroelectronics STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
N.
Name
Type
Function
35
VFXI0
AI
TX Input Amplifier channel 0. Typ 1M
Ω input impedance
38
VFXI1
AI
TX Input Amplifier channel 1. Typ 1M
Ω input impedance
43
VFXI2
AI
TX Input Amplifier channel 2. Typ 1M
Ω input impedance
46
VFXI3
AI
TX Input Amplifier channel 3. Typ 1M
Ω input impedance
40
CAP
AI
AGND Voltage filter pin. A 100nF capacitor must be connected between ground and
this pin.
POWER SUPPLY
25, 36,
37, 44,
45, 56,
VCC/0/1/2/3/
4/5
APS
Total 6 pins: 3.3V analog power supplies, should be shorted together, require 100nF
decoupling capacitor to VEE.
26,30,
31, 50,
51,55
VEE/0/1/2/3/
4/5
APS
Total 6 pins: analog ground, should be shorted together.
9
VDD
DPS
Digital Power supply 3.3V, require 100nF decoupling capacitor to VSS.
8
VSS
DPS
Digital Ground
41
SUB
DPS
Substrate connection. Must be shorted together with VEE and VSS pins as close as
possible the chip.
NOT CONNECTED
15, 16,
17, 18,
32, 34,
47, 49,
64
N.C.
Not Connected.
1,2,63
RES
Reserved: must be left not connected.
DIGITAL
27
M0
DI
Mode select, see M1
M1
M0
Mode Select
0
1
Pin-strap mode: Basic functions selected by proper pin strapping
1
0
MCU mode: Device controlled via serial interface
0
0
Reset status
1
1
Not Allowed
54
M1
DI
13
MCLK
DI
Master Clock Input.
Four possible frequencies can be used:
1.536/1.544 MHz; 2.048 MHz; 4.096 MHz; 8.192 MHz.
The device automatically detect the frequency applied.
This signal is also used as bit clock and it is used to shift data into and out of the DR
and DX pins.
12
TSX
ODO
Transmit Time Slot (open drain output, 3.2mA). Normally it is floating in high
impedance state except when a time slot is active on the DX output. In this case TSX
output pulls low to enable the backplane line driver.
11
DX
DTO
Transmit PCM interface. It remains in high impedance state except during the
assigned time slots during wich the PCM data byte is shifted out on the rising edge of
MCLK.
10
DR
DI
Receive PCM interface. It remains inactive except during the assigned receive time
slots during which the PCM data byte is shifted in on the falling edge of MCLK.
61
IO7
DIO
Slic control I/O pin #7. Can be programmed as input or output via DIR register.
Depending on content of CONF register can be a static input/output or a dynamic
input/output synchronized with the CSn output signals controlling the SLICs.
PIN DESCRIPTION (continued)
ANALOG
STLC5046
4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com