Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
In pin-strap mode the status of the control pins is
entered at power-on reset and refreshed at any
Frame Sync. cycle.
In MCU mode the control information is written to
or read from STLC5046 via the serial four wires
control bus :
CCLK : Control Clock
CS
: Chip Select input
CI
: Serial Data input
CO
: Serial Data output
All control instructions require 2 bytes, with the ex-
ception of the single byte for command synchroni-
zation. The first byte specify the register address,
and the type of access (Read or Write).
The second byte contain the data to be loaded into
the register (on CI wire) or carried out the register
content (on CO wire) depending on the R/W bit of
the first byte. CO wire is normally in High Imped-
ance and goes to low impedance only during the
second byte in case of Read operation. This allows
to use a common wire for both CI/CO.
Serial data CI is shifted to the serial input register
on the rising edge of CCLK and CO is shifted out
on the falling.
CS, normally High, is set Low during the trans-
mission / reception of a byte, lasting
8CCLK
pulses .
Though, in general, two bytes of the same in-
struction take
two
CS
separated cycles
,
STLC5046 can handle the data transfer in a sin-
gle 16 CCLK CS cycle, in both the directions.
One additional wire provided to the control inter-
face is an open drain interrupt output (INT) that
goes low when a change of status is detected on
the I/O pins.
SLIC CONTROL INTERFACE
The device provides 12 I/O pins plus 4 CS signals.
The interface can work in dynamic or static mode: it
can be selected by means of DIR register.
Dynamic Mode: the I/O pins are configured as
input or output by means of DIR register. The
CS signals are used to select the different SLIC
interface. In this case the I/O pin can be multi-
plexed. The data loaded from SLIC#n via I/O
pins configured as input can be read in the
DATAn register. The data written in a DATAn
register will be loaded on the I/O pins configured
as output when the Csn signal will be active.
Static Mode: The CS signal can be used as I/O
pins. They can be configured as input or out-
put I/O by means of DATA1 register. The data
corresponding to the CS signal can be read or
written by means of DATA2 register. All data
related to th other I/O pins can be read or writ-
ten by means of DATA0 register.
REGISTERS ADDRESSES (only MCU mode)
Addr.
Name
Description
00h
CONF
Configuration Register
01h
DIR-L
I/O Direction (bit 7-0)
02h
DIR-H
I/O Direction (bit 11-8)
03h
DATA0-L
I/O Data ch#0/ Static Data;
(bit 7-0)
04h
DATA0-H
I/O Data ch#0/ Static Data ;
(bit 11-8)
05h
DATA1-L
I/O Data ch#1 (bit 7-0) / CS
Direction
06h
DATA1-H
I/O Data ch#1 (bit 11-8)
07h
DATA2-L
I/O Data ch#1 (bit 7-0) / CS
Data
08h
DATA2-H
I/O Data ch#2 (bit 11-8)
09h
DATA3-L
I/O Data ch#3 (bit 7-0)
0Ah
DATA3-H
I/O Data ch#3 (bit 11-8)
0Bh
GTX0
Transmit Gain ch#0
0Ch
GTX1
Transmit Gain ch#1
0Dh
GTX2
Transmit Gain ch#2
0Eh
GTX3
Transmit Gain ch#3
0Fh
GRX0
Receive Gain ch#0
10h
GRX1
Receive Gain ch#1
11h
GRX2
Receive Gain ch#2
12h
GRX3
Receive Gain ch#3
13h
DXA0
Transmit Timeslot ch#0
14h
DXA1
Transmit Timeslot ch#1
15h
DXA2
Transmit Timeslot ch#2
16h
DXA3
Transmit Timeslot ch#3
17h
DRA0
Receive Timeslot ch#0
18h
DRA1
Receive Timeslot ch#1
19h
DRA2
Receive Timeslot ch#2
1Ah
DRA3
Receive Timeslot ch#3
1Bh
PCMSH
PCM Shift Register
1Ch
DMASK-L
Interrupt Mask I/O Port (03h)
1Dh
DMASK-H
Interrupt Mask I/O Port (04h)
1Eh
CMASK
Interrupt Mask I/O Port (07h)
1Fh
PCHK-A
Persistency Check Time for
Input A
20h
PCHK-B
Persistency Check Time for
Input B
21h
INT
Interrupt Register
22h
ALARM
Alarm Register
23h
AMASK
Interrupt Mask for Alarm
24h
LOOPB
Loopback Register
25h
TXG
Transmit preamp. Gain
26h
RXG-1,0
Receive preamp. Gain (ch1 ch0)
27h
RXG-3,2
Receive preamp. Gain (ch3 ch2)
31h
SRID
Silicon revision identification
code
STLC5046
10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com