Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 4Page - STMicroelectronics STLC5046 Datasheet HTML 5Page - STMicroelectronics STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
when the preamplifier gain is set 0dB or 0.66Vpp
if the gain is set to 3.52dB (MCU mode only);
higher levels must be reduced through proper di-
viders.
Typical impedance of VFXI input is 1Mohm.
RECEIVE PATH
The received PCM signal DR through the de-
coder section, the gain select block and the D/A
converter is converted in an analog signal which
is transfered to VFRO output through an
ampli-
fier stage.
In MCU mode a programmable gain block before
the A/D conversion allows to set receive gain in
12dB range, with steps <0.1dB by writing proper
code into GRXn register.
The amplifier gain can be programmed with five
different values by means of RXG Register:
0dB -1.94dB -4.44dB -7.96dB -13.98dB.
Setting GRXn=00h , the receive signal is muted
and VFRO output is set to AGND.
A/
µ coding Law is selected by bit5 (AMU) of
CONF reg.
Setting LIN = 1 (bit6 of CONF reg.) the Linear
coding Law is selected (16bits); in this case the
signal received on DR will take two adjacent PCM
time slots.
in pin Strap mode only two values of Receive
Gain can be selected according to the level of
GRn control input (in Pin Strap)
GRn = 1 selects the gain corresponding to GRXn
= E2h, RXG = 0dB (-0.8dB)
GRn = 0 selects the gain corresponding to GRXn
= AFh, RXG = -1.94dB (-4.3dB)
Different gain value is obtained through proper
voltage divider.
A/
µ coding Law is selected according to AMU pin
level:
AMU=0
µ-Law selected.
AMU=1
A-Law selected.
VFRO output, referred to AGND
must be AC
coupled to the load, referred to VSS, to prevent a
DC current flow.
VFRO has a drive capability of
1.0mA (peak
value), with a max AC swing of 2Vpp.
In order to get the best noise performances it is
recommended to keep the GRX value as close as
possible to the maximum (FFh) setting properly
the additional attenuation by means of RXG.
PCM INTERFACE
The STLC5046 dedicate five pins (six in pin strap
mode) to the interface with the PCM highways.
MCLK represents the bit clock and is also used
by the device as a source for the clock of the in-
ternal Sigma Delta converter timings. Four possi-
ble frequencies can be used: 1.536/1.544MHz
(24 channels PCM frame); 2048MHz (32 chan-
nels PCM frame); 4.096MHz (64 channels PCM
frame); 8.192MHz (128 channels PCM frame).
The operating frequency is automatically de-
tected by the device when both MCLK and FS
are applied. MCLK is synchronizing both the
transmit data (DX) and the receive data (DR).
MCU mode:
The Frame Sync. signal FS is the common time
base for all the four channels; Short (one MCLK
period) or Long (more than one MCLK period)
FS are allowed.
Transmit and Receive programmable Time-Slots
are framed to an internal sync. signal that can be
coincident with FS or delayed of 1 to 7 MCLK cy-
cles depending on the programming of PCMSH
D7..................D0
D7...................D0
FS
FS
Receive Time Slot
Transmit Time Slot
DXAn Reg.
DRAn Reg.
TS0
TS23/31/61/127
Figure 3. MCU mode: Time - Slot Assignment
STLC5046
8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com