Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics STLC5046 Datasheet HTML 16Page - STMicroelectronics STLC5046 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ted in the corresponding timeslot on DX output.
>00h:Digital gain is inserted in the TX path equal to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GX0=1: 0dB gain (value = FFh):
111
11
11
1
GX0=0: -3.5dB gain (value = 8Fh):
100
01
11
1
Transmit Gain channel #2 (GTX2)
Addr=0Dh; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h: Stop any trasmit signal, null level is transmit-
ted in the corresponding timeslot on DX output.
>00h:Digital gain is inserted in the TX path equal to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GX0=1: 0dB gain (value = FFh):
111
11
11
1
GX0=0: -3.5dB gain (value = 8Fh):
100
01
11
1
Transmit Gain channel #3 (GTX3)
Addr=0Eh; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any trasmit signal, null level is transmit-
ted in the corresponding timeslot on DX output.
>00h:Digital gain is inserted in the TX path equal to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GX0=1: 0dB gan (value = FFh):
111
11
11
1
GX0=0: -3.5dB gain (value = 8Fh):
100
01
11
1
Receive Gain channel #0 (GRX0)
Addr=0Fh; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any received signal, AGND level is
forced on the VFRO0 analog output.
>00h:Digital gain is inserted in the RX path equal to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GR0=1: -0.8dB gain (value = E2h):
111
0
0
010
GR0=0: -2.36dB gain (value = AFh):
101
0
1
111
Overall gain including also RXG:
GR0 = 1:-0.8dB; GR0 = 0: -4.3dB
Receive Gain channel #1 (GRX1)
Addr=10h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any received signal, AGND level is
forced on the VFRO1 analog output.
>00h:Digital gain is inserted in the RX path equal to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GR1=1: -0.8dB gain (value = E2h):
111
0
0
010
GR1=0: -2.36dB gain (value = AFh):
101
0
1
111
Overall gain including also RXG:
GR1= 1:-0.8dB; GR1 = 0: -4.3dB
Receive Gain channel #2 (GRX2)
Addr=11h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any received signal, AGND level is
forced on the VFRO2 analog output.
>00h:Digital gain is inserted in the RX path equal to:
STLC5046
13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com