Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics STLC5046 Datasheet HTML 16Page - STMicroelectronics STLC5046 Datasheet HTML 17Page - STMicroelectronics STLC5046 Datasheet HTML 18Page - STMicroelectronics STLC5046 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ter) the 16 bits will be carried out as follows: the 8
most significative bits in the programmed time
slot, the 8 least significative bits in the following
timeslot.
Example: if T26..T20=00:
TS0
TS1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Pin strap value (value=80h)
100
00
00
0
Referred to FS2.
Transmit Time Slot channel #3 (DXA3)
Addr=16h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN3
T36
T35
T34
T33
T32
T31
T30
EN3=0:
Selected transmit time slot on DX output
is in H.I.
EN3=1:
Selected transmit time slot on DX output
is active carrying out the PCM encoded
signal of VFXI3.
T36..0:Define time slot number (0 to 127) on
which PCM encoded signal of VFXI3 is carried
out.
If linear mode is selected (LIN=1 of CONF regis-
ter) the 16 bits will be carried out as follows: the 8
most significative bits in the programmed time
slot, the 8 least significative bits in the following
timeslot.
Example: if T36..T30=00:
TS0
TS1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Pin strap value (value=80h)
100
00
00
0
Referred to FS3.
Receive Time Slot channel #0 (DRA0)
Addr=17h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN0
R06
R05
R04
R03
R02
R01
R00
EN0=0:
Disable reception of selected time slot.
EN0=1:
Selected receive time slot on DR input
is PCM decoded and tranferred to VFRO0
output.
R06..0:Define receive time slot number (0 to 127)
on carrying the PCM signal to be decoded and
tranferred to VFRO0 output.If linear mode is se-
lected (LIN=1 of CONF register) the 16 bits will
be used as linear code as follows: the 8most sig-
nificative bits in the programmed time slot, the 8
least significative bits in the following timeslot.
Example: if R06..R00=00:
TS0
TS1
15 14 13 12 11 10 9
87654
32
10
Pin strap value (value 80h):
100
0
0
000
Referred to FS0.
Receive Time Slot channel #1 (DRA1)
Addr=18h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN0
R16
R15
R14
R13
R12
R11
R10
EN1=0:
Disable reception of selected time slot.
EN1=1:
Selected receive time slot on DR input is
PCM decoded and tranferred to VFRO1
output.
R16..0:Define receive time slot number (0 to 127)
on carrying the PCM signal to be decoded and
tranferred to VFRO1 output.If linear mode is se-
lected (LIN=1 of CONF register) the 16 bits will
be used as linear code as follows: the 8most sig-
nificative bits in the programmed time slot, the 8
least significative bits in the following timeslot.
Example: if R16..R10=00:
TS0
TS1
15 14 13 12 11 10 9
87654
32
10
Pin strap value (value=80h)
100
0
0
000
Referred to FS1.
Receive Time Slot channel #2 (DRA2)
Addr=19h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN2
R26
R25
R24
R23
R22
R21
R20
EN2=0:
Disable reception of selected time slot.
EN2=1:
Selected receive time slot on DR input is
PCM decoded and tranferred to VFRO1
output.
R26..0:Define receive time slot number (0 to 127)
STLC5046
15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com