Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics STLC5046 Datasheet HTML 16Page - STMicroelectronics STLC5046 Datasheet HTML 17Page - STMicroelectronics STLC5046 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GR2=1: -0.8dB gain (value = E2h):
111
00
01
0
GR2=0: -2.36dB gain (value = AFh):
101
01
11
1
Overall gain including also RXG:
GR2 = 1:-0.8dB; GR2 = 0: -4.3dB
Receive Gain channel #3 (GRX3)
Addr=12h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any received signal, AGND level is
forced on the VFRO3 analog output.
>00h:Digital gain is inserted in the TX path equal to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GR3=1: -0.8dB gain (value = E2h):
111
00
01
0
GX3=0: -4.3dB gain (value = AFh):
101
01
11
1
Overall gain including also RXG:
GR3 = 1:-0.8dB; GR3 = 0: -4.3dB
Transmit Time Slot channel #0 (DXA0)
Addr=13h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN0
T06
T05
T04
T03
T02
T01
T00
EN0=0:
Selected transmit time slot on DX output
is in H.I.
EN0=1:
Selected transmit time slot on DX output
is active carrying out the PCM encoded
signal of VFXI0.
T06..0:
Define time slot number (0 to 127) on
which PCM encoded signal of VFXI0 is
carried out.
If linear mode is selected (LIN=1 of CONF regis-
ter) the 16 bits will be carried out as follows: the 8
most significative bits in the programmed time
slot, the 8 least significative bits in the following
timeslot.
Example: if T06..T00=00:
TS0
TS1
15 14 13 12 11 10 9
87654
32
10
Pin strap value (value 80h):
100
0
0
000
Referred to FS0.
Transmit Time Slot channel#1 (DXA1)
Addr=14h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN1
T16
T15
T14
T13
T12
T11
T10
EN1=0:
Selected transmit time slot on DX output
is in H.I.
EN1=1:
Selected transmit time slot on DX output
is active carrying out the PCM encoded
signal of VFXI1.
T16..0:Define time slot number (0 to 127) on
which PCM encoded signal of VFXI1 is carried
out.
If linear mode is selected (LIN=1 of CONF regis-
ter) the 16 bits will be carried out as follows: the 8
most significative bits in the programmed time
slot, the 8 least significative bits in the following
timeslot.
Example: if T16..T10=00:
TS0
TS1
15 14 13 12 11 10 9
87654
32
10
Pin strap value (value=80h)
100
0
0
000
Referred to FS1.
Transmit Time Slot channel #2 (DXA2)
Addr=15h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EN2
T26
T25
T24
T23
T22
T21
T20
EN2=0:
Selected transmit time slot on DX output
is in H.I.
EN2=1:
Selected transmit time slot on DX output
is active carrying out the PCM encoded
signal of VFXI2.
T26..0:Define time slot number (0 to 127) on
which PCM encoded signal of VFXI2 is carried
out.
If linear mode is selected (LIN=1 of CONF regis-
STLC5046
14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com