Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics STLC5046 Datasheet HTML 21Page - STMicroelectronics STLC5046 Datasheet HTML 22Page - STMicroelectronics STLC5046 Datasheet HTML 23Page - STMicroelectronics STLC5046 Datasheet HTML 24Page - STMicroelectronics STLC5046 Datasheet HTML 25Page - STMicroelectronics STLC5046 Datasheet HTML 26Page - STMicroelectronics STLC5046 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GRAG
Receive Gain Variation with
programmed gain
-0.2
+0.2
dB
GFR
Gain variation with frequency
(relative to gain at 1004Hz);
0dBm0 input signal.
Below 200Hz
200Hz
300-3000Hz
3400Hz
4000Hz
-0.25
-0.15
-0.7
0.15
0.15
0.15
0
-14
dB
GART
Gain variation with temperature
-0.1
+0.1
dB
GARE
Gain variation with supplies
0dBm0 Input Signal
VCC =VDD = 3.3V
±5%
-0.05
0.05
dB
GTR
Gain Tracking with Tone
(1004Hz Mu Law, 820Hz A
Law)
DR = 3 to -40dBm0
DR = -40 to -50dBm0
DR = -50 to -55dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
QDR
Quantization Distortion with
Tone (1004Hz Mu Law, 820Hz
A law)
DR = 3 dBm0
DR = 0 to -30dBm0
DR = -40dBm0
DR = -50 to -55dBm0
33
36
30
25
dB
GSPR
Out of band spourious Noise
0dBm0 180 to 3400Hz
Sinewave at DR
32
dB
NCR
Receive Noise C Message
Weighted (
µ Law)
8
11
dBrnCo
NPR
Receive Noise Psophometric
Weighted (A Law)
-82
-79
dBm0p
DDR
(1)
Differential Envelope Delay
(1 to 2.56kHz Input Sinewave
@ 0dBm0)
500Hz
604Hz
1000Hz
1792Hz
2604Hz
2792Hz
25
0
0
0
90
115
µs
DAR
(1)
Absolute Delay @ 1kHz
500 to 2800Hz
440
µs
DPR1
Single Frequency Distortion
(0dBm0 Sinewave @ 1004Hz)
-46
dB
PSRR
Power Supply Rejection Ratio
1kHz, 50mVrms
30
dB
CTX-R
Transmit to Receive Crosstalk
(input signal 200Hz to 3450Hz
at 0dBm0)
-76
dB
CTR-X
Receive to Transmit Crosstalk
(input signal 200Hz to 3450Hz
at 0dBm0)
-76
dB
CT-ICH
Inter Channel Crosstalk, TX
and TX direction.
Input 200 to 3450Hz at 0dBm0
at VFXI of one channel; all
other VFXI inputs and all DR
inputs receive idle signal.
Output is measured at DX of
the 3 idle channels.
Input 200 to 3450Hz at 0dBm0
at DR of one channel; all other
DR inputs and all VFXI inputs
receive idle signal.
Output is measured at VFRO of
the 3 idle channels.
-78
dB
TRANSMISSION CHARACTERISTICS
RECEIVE TRANSFER CHARACTERISTICS (continued)
(1) Typical value not tested in production.
STLC5046
25/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com