Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics STLC5046 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Static I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CIO3
CIO2
CIO1
CIO0
CIO0..3=0 The CS0..3 is a static input, DATA is
written in DATA2 register bits 0..3.
CIO0..3=1 The CS0..3 is a static output, DATA is
taken from DATA2 register bits 0..3.
Pin strap value:
000
00
00
0
00
00
I/O Data Register channel #2 (DATA2)
Addr=07h; Reset Value=00h
Addr=08h; Reset Value=X0h
If bit 4 of CONF register (STA)=0
Dynamic I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D27
D26
D25
D24
D23
D22
D21
D20
D211
D210
D29
D28
When CS2 is active D211..0 are transferred to the
corresponding I/O pins configured as outputs
(see DIR register). For the I/O pins configured as
inputs the corresponding D11..0 will be written by
the values applied to those pins while CS2 is low.
If bit 4 of CONF register (STA)=1
Static I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CD3
CD2
CD1
CD0
CD3..0 are transferred to the corresponding CS
pin if configured as static output (see register
DATA1). For the CS pins configured as static in-
puts the corresponding CD3..0 will be written by
the values applied to those pins.
Pin strap value:
000
00
00
0
00
00
I/O Data Register channel #3 (DATA3)
Addr=09h; Reset Value=00h
Addr=0Ah; Reset Value=X0h
Used only if bit 4 of CONF register (STA)=0; Dy-
namic I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D37
D36
D35
D34
D33
D32
D31
D30
D311 D310
D39
D38
When CS3 is active D11..0 are transferred to the
corresponding I/O pins configured as outputs
(see DIR register). For the I/O pins configured as
inputs the corresponding D11..0 will be written by
the values applied to those pins while CS3 is low.
If bit4 of CONF register (STA)=1
Static I/O mode:
can be used as general purpose R/W registers,
without any direct action on the control of the de-
vice.
Pin strap value:
000
0
0
000
0
000
Transmit Gain channel #0 (GTX0)
Addr=0Bh; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any trasmit signal, null level is transmit-
ted in the corresponding timeslot on DX output.
>00h:Digital gain is inserted in the TX path equal
to:
20log[0.25+0.75*(progr.value/256)]
Pin strap values:
GX0=1: 0dB gain (value = FFh):
111
1
1
111
GX0=0: -3.5dB gain (value = 8Fh):
100
0
1
111
Transmit Gain channel #1 (GTX1)
Addr=0Ch; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00h:Stop any trasmit signal, null level is transmit-
STLC5046
12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com