Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics STLC5046 Datasheet HTML 11Page - STMicroelectronics STLC5046 Datasheet HTML 12Page - STMicroelectronics STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
REGISTERS DESCRIPTION
Configuration Register (CONF)
Addr=00h; Reset Value=3Fh
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RES
LIN
AMU
STA
PD3
PD2
PD1
PD0
RES=0Normal Operation
RES=1 Device Reset: I/0n and CSn are all inputs,
DX is H.I. (equivalent to Hw. reset).
LIN=0
A or
µ law PCM encoding
LIN=1
Linear encoding (16 bits), two’s comple-
ment.
AMU=0
µ law selection
AMU=1 A law selection (even bits inverted)
STA=0 CS0 to CS3 scan the four SLICs con-
nected to the I/O control port, each CS has a
31.25
µs repetition time.
STA=1; I/O are static, CS0 to CS3 are config-
ured as generic static I/O
PD3..0=0 Codec 3..0 is active
PD3..0=1 Codec 3..0 is in power Down. When
one codec is in Power Down the corresponding
VFRO output is forced to AGND. and the corre-
sponding transmit time slot on DX is set in H.I.
Pin strap value:
RES
0
AMU
0
PD3
PD2
PD1
PD0
I/O Direction Register (DIR)
Addr=01h; Reset Value=00h
Addr=02h; Reset Value=X0h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
IO11
IO10
IO9
IO8
IO11..0 = 0; I/O pin 11..0 is an input, data on the
I/O input is written in DATAn register bit 11..0.
IO11..0 = 1; I/O pin 11..0 is an output, data con-
tained in DATAn register bit11..0 is transferred to
the I/O output.
Pin strap value:
000
00
00
0
000
00
00
0
I/O Data Register channel #0 (DATA0)
Addr=03h; Reset Value=00h
Addr=04h; Reset Value=X0h
If bit 4 of CONF register (STA)=0
Dynamic I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D07
D06
D05
D04
D03
D02
D01
D00
D011
D010
D09
D08
When CS0 is active D011..0 are transferred to the
corresponding I/O pins configured as outputs
(see DIR register). For the I/O pins configured as
inputs the corresponding D011..0 will be written by
the values applied to those pins while CS0 is low.
If bit 4 of CONF register (STA)=1
Static I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DS7
DS6
DS5
DS4
DS3
DS2
DS1
DS0
DS11
DS10
DS9
DS8
D11..0 are transferred to the corresponding I/O
pins configured as outputs (see DIR register). For
the I/O pins configured as inputs the correspond-
ing D11..0 will be written by the values applied to
those pins.
Pin strap value:
000
0
0
000
0
000
I/O Data Register channel #1 (DATA1)
Addr=05h; Reset Value=00h
Addr=06h; Reset Value=X0h
If bit 4 of CONF register (STA)=0
Dynamic I/O mode:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D17
D16
D15
D14
D13
D12
D11
D10
D111
D110
D19
D18
When CS1 is active D11..0 are transferred to the
corresponding I/O pins configured as outputs
(see DIR register). For the I/O pins configured as
inputs the corresponding D11..0 will be written by
the values applied to those pins while CS1 is low.
If bit 4 of CONF register (STA)=1
STLC5046
11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com