Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 13Page - STMicroelectronics STLC5046 Datasheet HTML 14Page - STMicroelectronics STLC5046 Datasheet HTML 15Page - STMicroelectronics STLC5046 Datasheet HTML 16Page - STMicroelectronics STLC5046 Datasheet HTML 17Page - STMicroelectronics STLC5046 Datasheet HTML 18Page - STMicroelectronics STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics STLC5046 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Input lines with persistency check generate inter-
rupt if the changed status remains stable longer
than the
time programmend in the persistency
check registers PCHKA/B
Lines without persistency check generate an im-
mediate interrupt request.
Mask register has no effect on those pins config-
ured as outputs, those pins will not generate in-
terrupt.
Pin strap value (value=00h):
111
11
11
1
Persistency Check Register (PCHK-A/B)
Two input signals per channel , labeled A and B,
are submitted to persistency check.
In dynamic mode (STA=0), A and B inputs of the
four channels, are sampled on the multiplexed
lines IO0 (pin13) and IO1 (pin14).
In static mode (STA=1) the persistency check is
performed on four pairs of lines, assigned to
each channel according to the table:
CHAN#
Input A
Input B
0
IO0 (pin 13)
IO1 (pin 14)
1
IO4 (pin 17)
IO5 (pin 18)
2
IO6 (pin 48)
IO7 (pin 47)
3
IO10 (pin 44)
IO11 (pin 43)
Addr=1Fh;
Reset Value=00h
Addr=20h;
Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TA7
TA6
TA5
TA4
TA3
TA2
TA1
TA0
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
TA7..0 and TB7..0, content of PCHKA and
PCHKB registers, define the minimum duration
of input A and B to generate interrupt ; spurious
transitions shorter than the programmed value
are ignored.
The time width can be calculated according to
the formula:
Time-Width A = (TA7..0) x 64
µs
Time-Width B = (TB7..0) x 64
µs
If PCHKA/B is programmed to 00h the persist-
ency check is not performed and any detected
transition will generate interrupt.
All the inputs, with or without persistency check,
are sampled with a repetition rate of 32
µs
Pin strap value:
000
0
0
000
000
0
0
000
Interrupt Register (INT)
Addr=21h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ICKF
ID3
ID2
ID1
ID0
ICKF = 1: If interrupt is generated by a change of
bit 0 in register ALARM.
In dynamic I/O configuration
the ID3..0
bits
latch the interrupt request from the related chan-
nel.
Any single bit IDn is cleared after reading related
I/O register or by setting MCn bit High (i.e. when
channel n is disabled to generate interrupt ).
In static I/O configuration ID0 and ID2 bits latch
the interrupt request from I/O11..0 and CS3..0 re-
spectively:
ID0 : is set High when the interrupt is requested
from any the I/O11..0 lines.
ID2: is set High when the interrupt is requested
from any of the CS3..0 (configured as I/O).
ID0 and ID2 are cleared after reading related I/O
register.
ID1 and ID3 are don’t care.
Pin strap value (value=00b):
0
0
000
Alarm Register (ALARM)
Addr=22h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
POR
CKF
CKF=1: If number of PCM clock pulses in one
frame period does not match expected value.
POR=1: If a Power On Reset is detected during
operation.
The register ALARM is cleared after reading op-
eration only if signals are inactive.
Pin strap value (value=00h):
00
Interrupt Mask Register for Alarm (AMASK)
Addr=23h; Reset Value=11b
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
MCF
STLC5046
17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com