Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 18Page - STMicroelectronics STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics STLC5046 Datasheet HTML 21Page - STMicroelectronics STLC5046 Datasheet HTML 22Page - STMicroelectronics STLC5046 Datasheet HTML 23Page - STMicroelectronics STLC5046 Datasheet HTML 24Page - STMicroelectronics STLC5046 Datasheet HTML 25Page - STMicroelectronics STLC5046 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
12345
67
16
17
tHMF
MCLK
tRM
tFM
tWMH
tWML
tSFM
12345
6
7
16
tDMD
FS
DX
tDMZ
12345
6
7
16
tSDM
tHMD
DR
D98TL388C
tXDP
TSX
tDZC
Figure 6c. MCU Mode Frame Sync. Timing.
ELECTRICAL CHARACTERISTICS (continued)
SERIAL CONTROL PORT TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fCCLK
Frequency of CCLK
4.096
MHz
tWCH
Period of CCLK high
Measured from VIH to VIH
100
ns
tWCL
Period of CCLK low
Measured from VIL to VIL
100
ns
tRC
Rise Time of CCLK
Measured from VIL to VIH
20
ns
tFC
Fall Time of CCLK
Measured from VIH to VIL
20
ns
tHCS
Hold Time, CCLK high to CS– low
5
ns
tSSC
Setup Time, CS– low to CCLK high
10
ns
tSDC
Setup Time, CI valid to CCLK high
20
10
ns
tHCD
Hold Time, CCLK high to CI
invalid
10
ns
tDCD
Delay Time, CCLK low to CO
data valid
30
ns
tDSD
Delay Time, CS–low to CO data
valid
20
ns
tDDZ
(1)
Delay Time CS–high or 8th
CCLK low to CO high impedance
whichever comes first
Pull up resistor = 1k
Ω
Cload = 30pF
50
ns
tHSC
Hold Time, 8th CCLK high to
CS– high
10
ns
tSCS
Set up Time, CS– high toCCLK high
10
ns
(1) It is defined as the time at which the output achivies the off state.
STLC5046
22/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com