Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 16Page - STMicroelectronics STLC5046 Datasheet HTML 17Page - STMicroelectronics STLC5046 Datasheet HTML 18Page - STMicroelectronics STLC5046 Datasheet HTML 19Page - STMicroelectronics STLC5046 Datasheet HTML 20Page - STMicroelectronics STLC5046 Datasheet HTML 21Page - STMicroelectronics STLC5046 Datasheet HTML 22Page - STMicroelectronics STLC5046 Datasheet HTML 23Page - STMicroelectronics STLC5046 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ELECTRICAL CHARACTERISTICS
(Typical value 25
°C and nominal supply voltage. Minimum and maximum value are guaranteed over the tem-
perature 0 to 70
°C range by production testing and supply voltagerange shown in the Operating Ranges. Per-
formances over -40 to +85
°C are guaranteedby productcharacterisationunlessotherwise specified.)
DIGITAL INTERFACE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vil
Input Voltage Low DI pins
0
0.2VDD
V
Vih
Input Voltage High DI pins (1)
0.8VDD
5.5
V
Iil
Input Current Low DI pins
-10
10
µA
Iih
Input Current High DI pins
-10
10
µA
Ci
Input Capacitance (all dig. inp.)
5
pF
Vol
Output Voltage Low DX, TSX pins
Iol = 3.2mA (other pins Iol = 1mA)
0
0.4
V
Voh
Output Voltage High DX pinn
Ioh = -3.2mA (other pins Iol = 1mA) 0.85VDD
VDD
V
ANALOG INTERFACE
RIX
Transmit Input Amplifier Input
Impedance (VFXI)
1000
M
Ω
ROR
Receive Output Impedance
(-1.0V< VFRO<1.0V,IVFRO= 1mA
1
Ω
POWER DISSIPATION
Idd (pd)
Power down Current
9
11
mA
Idd
Active Current
48
60
mA
MASTER CLOCK TIMING
fMCLK
Frequency of MCLK
frequency is automatically
detected
1.536
1.544
2.048
4.096
8.192
MHz
MHz
MHz
MHz
MHz
tWMH
Period of MCLK high
Measured from VIH to VIH
40
ns
tWML
Period of MCLK low
Measured from VIL to VIL
40
ns
tRM
Rise Time of MCLK
Measured from VIL to VIH
15
ns
tFM
Fall Time of MCLK
Measured from VIH to VIL
15
ns
PCM INTERFACE TIMING
tHMF
Hold Time MCLK low to FS low
10
ns
tSFM
Setup Time, FS high to MCLK low
10
ns
tDMD
Delay Time, MCLK high to data
valid
10
ns
tDMZ
(2)
Delay Time, MCLK low to DX
disabled
Pull up resistor = 1k
Ω
Cload = 30pF
540
ns
tSDM
Setup Time, DR valid to MCLK low
15
ns
tHMD
Hold Time, MCLK low to DR
invalid
5ns
tDZC
(2)
Delay Time, MCLK low to TSX high
Pull up resistor = 1k
Ω
Cload = 30pF
40
ns
tXDP
Delay Time, MCLK high to TSX low
10
ns
(1) All the digital input are five-volt tollerant
- maximum DC voltage 5.5V
- maximum peak voltage 6.5V
(2) It is defined as the time at which the output achivies the off state.
STLC5046
20/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com