Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5046 Datasheet HTML 1Page - STMicroelectronics STLC5046 Datasheet HTML 2Page - STMicroelectronics STLC5046 Datasheet HTML 3Page - STMicroelectronics STLC5046 Datasheet HTML 4Page - STMicroelectronics STLC5046 Datasheet HTML 5Page - STMicroelectronics STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PROGRAMMABLE MONOLITHIC 4 CHAN-
NEL CODEC/FILTER
SINGLE +3.3V SUPPLY
PIN STRAP / MCU CONTROL MODE
A/
µ LAW PROGRAMMABLE
LINEAR CODING (16 BITS) OPTION
PCM HIGHWAY FORMAT AUTOMATICALLY
DETECTED: 1.536 or 1.544MHz; 2.048, 4.096,
8192 MHz
TX GAIN PROGRAMMING: 16dB RANGE;
<0.1dB STEP
RX GAIN PROGRAMMING: 26dB RANGE;
<0.1dB STEP
PROGRAMMABLE
TIME
SLOT
ASSIGN-
MENT
DIGITAL AND ANALOG LOOPBACKS
SLIC CONTROL PORT
STATIC MODE (16 I/Os)
DYNAMIC MODE (12 I/Os + 4 CS)
64 TQFP PACKAGE
PCM IN HI-Z MODE
DESCRIPTION
The STLC5046 is a monolithic programmable 4
channel codec and filter. It operates with a single
+3.3V supply. The analog interface is based on a
receive output buffer driving the SLIC RX input
and on an amplifier input stage. Due to the single
supply voltage a proper midsupply reference level
is generated internally by the device and all ana-
log signals are referred to this level (AGND). The
PCM interface uses one common 8KHz frame
sync. pulse for transmit and receive direction. The
bit clock can be selected between four standards:
1.536/1.544MHz,
2.048MHz,
4.096MHz,
8192MHz. Device programmability is achieved
by means of 41 registers allowing to set the dif-
ferent parameters like TX/RX gains, encoding law
(A/
µ), time slot assignment, independent chan-
nels power up/down, loopbacks, PCM bits offset.
Thanks to pinstrap option, the most significant of
the above parameters can be set by hardware
connection of dedicated pins. This allow to use
this device also on line card without MCU on
board. When pin strap option is selected different
pins of the device will change their function (see
pin description).
In MCU control mode the STLC5046 can be pro-
grammed via serial interface running up to 4MHz.
One interrupt output pin is also provided.
This is preliminary information on a new product now in development. Details are subject to change without notice.
December 1999
®
TQFP64
ORDERING NUMBER: STLC5046
STLC5046
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PRODUCT PREVIEW
1/27


Similar Part No. - STLC5046

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Jan-2003
More results

Similar Description - STLC5046

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
NXP Semiconductors
SAA2003 PHILIPS-SAA2003 Datasheet
176Kb / 44P
Stereo filter and codec
May 1994
logo
STMicroelectronics
STLC5048 STMICROELECTRONICS-STLC5048 Datasheet
371Kb / 45P
FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Jan-2003
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
logo
Siemens Semiconductor G...
PEB2465 SIEMENS-PEB2465 Datasheet
1Mb / 88P
Four Channel Codec Filter
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
Four-Channel Wideband Programmable
August 2004
logo
Infineon Technologies A...
PEB2466 INFINEON-PEB2466 Datasheet
1Mb / 73P
Four Channel Codec Filter with PCM and Microcontroller Interface
DS 1, Feb. 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com