Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC5046 Datasheet HTML 1Page - STMicroelectronics STLC5046 Datasheet HTML 2Page - STMicroelectronics STLC5046 Datasheet HTML 3Page - STMicroelectronics STLC5046 Datasheet HTML 4Page - STMicroelectronics STLC5046 Datasheet HTML 5Page - STMicroelectronics STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
VCC to VEE
-0.5 to 4.6
V
VDD
VDD to VSS
-0.5 to 4.6
V
VDI
Digital Input Input Pin Voltage
-0.5 to 5.5
V
IOUT
Output Pin Current
±1mA
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (soldering, 10s)
300
°C
VAI
Analog Pin Input Voltage
-0.5 to 4.6
V
OPERATING RANGE
Symbol
Parameter
Value
Unit
VCC,VDD
Supply Voltage
3.3
±5%
V
TOP
Operating Temperature Range
-40 to +85
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-Ambient
70
°C/W
GR0
GR0
GR0
GR0
D/A
sigma-delta
DECIMATORS
TX FILTERS
RX FILTERS
INTERPOLATORS
ARBITER
ENCODER
DECODER
PROGRAMMABLE
GAIN RX
PROGRAMMABLE
GAIN TX
VFRO0
VFRO1
VFRO2
VFRO3
VFXI0
VFXI1
VFXI2
VFXI3
FS/FS0
MCLK
TSX
DX
DR
SLIC
CONTROL
REGISTERS
8bit
8bit
to analog FE
Post
Filter
Post
Post
Post
Filter
Filter
Filter
A/D
A/D
A/D
A/D
Anti-Alias
Anti-Alias
Anti-Alias
Anti-Alias
GX0
GX1
GX2
GX3
A/u Law
A/u Law
PCM
INTERFACE
& SLOT ASSGN
DIGITAL PROCESSOR
ANALOG FRONTEND
VEE
VCC
PLL
INTERFACE
CONTROL
SERIAL
CS / PD1
CO / GR0
CI / PD0
CCLK / GR1
INT / AMU
CS0 / GX0
CS1 / GX1
CS2 / GX2
CS3 / GX3
IO0 / GR2
IO1 / PD2
IO2 / GR3
IO3 / PD3
IO7
IO8
IO9
IO10
IO11
CAP
VDD
VSS
SUB
CONFIG.
PORT
IO4 / FS1
IO5 / FS2
IO6 / FS3
M0
M1
BLOCK DIAGRAM
GR0
GR1
GR2
GR3
STLC5046
2/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com