Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5046 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC5046
Description  PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5046 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC5046 Datasheet HTML 2Page - STMicroelectronics STLC5046 Datasheet HTML 3Page - STMicroelectronics STLC5046 Datasheet HTML 4Page - STMicroelectronics STLC5046 Datasheet HTML 5Page - STMicroelectronics STLC5046 Datasheet HTML 6Page - STMicroelectronics STLC5046 Datasheet HTML 7Page - STMicroelectronics STLC5046 Datasheet HTML 8Page - STMicroelectronics STLC5046 Datasheet HTML 9Page - STMicroelectronics STLC5046 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
N.
Name
Type
Function
28
CS0/GX0
DO/DI
MCU control mode: CS0.
Slic CS control #0.
Depending on CONF reg. content can be a CS output for SLIC #0 or a static I/O.
When configured as CS output it is automatically generated by the Codec with a
repetition time of 31.25
µs. In this mode also the IO11..0 are synchronized and carry
proper data in and out synchronous with CS.
Pin-strap control mode: GX0.
Transmit gain programming channel 0:
1: Transmit gain = 0dB
0: Transmit gain = - 3.5dB
29
CS1/GX1
DO/DI
MCU control mode: CS1:
Slic CS control #1, (see CS0 description).
Pin-strap control mode: GX1.
Transmit gain programming channel 1 (see GX0 description)
53
CS2/GX2
DO/DI
MCU control mode: CS2.
Slic CS control #2, (see CS0 description).
Pin-strap control mode: GX2.
Transmit gain programming channel 2 (see GX0 description)
52
CS3/GX3
DO/DI
MCU control mode: CS3.
Slic CS control #3, (see CS0 description).
Pin-strap control mode: GX3.
Transmit gain programming channel 3 (see GX0 description)
4
CS/PD1
DI/DI
MCU control mode: CS.
Chip Select of Serial Control Bus. When this pin is low control information can be
written to or read from the device via the CI and CO pins.
Pin-strap control mode: PD1.
Power Down command channel 1. (see PD2 description).
7
CCLK/GR1
DI/DI
MCU control mode: CCLK.
Clock of Serial Control Bus. This clock shifts serial control ilnformation into or out of
CI or CO when CS input is low depending on the current instruction. CCLK may be
asyncronous with the other system clocks.
Pin-strap control mode: GR1.
Receive gain programming ch. 1, (see GR2 description).
6
CI/PD0
DI/DI
MCU control mode: CI.
Control Data Input of Serial Control Bus. Control data is shifted in the device when
CS is low and clocked by CCLK.
Pin-strap control mode: PD0.
Power Down command channel 0. (see PD2 description).
5
CO/GR0
DTO/DI
MCU control mode: CO.
Control Data Output of Serial Control Bus. Control data is shifted out the device when
CS is low and clocked by CCLK. During the first 8 CCLK pulses the CO pin is H. I.,
valid data are shifted out during the following 8 CCLK pulses.
Pin-strap control mode: GR0.
Receive gain programming ch. 0, (see GR2 description).
3
INT/AMU
ODO/DI MCU control mode: INT.
Interrupt output (open drain), goes low when a data change has been detected in the
I/O pins. One mask registers allow to mask any I/O pin. Interrupt is reset when the I/O
register is read.
Pin-strap control mode: AMU.
A/
µ law selection:
AMU=0:
µ law
AMU=1: A law, even bit inverted
PIN DESCRIPTION (continued)
STLC5046
6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com