Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 342Page - Renesas Technology Corp R8C2K Datasheet HTML 343Page - Renesas Technology Corp R8C2K Datasheet HTML 344Page - Renesas Technology Corp R8C2K Datasheet HTML 345Page - Renesas Technology Corp R8C2K Datasheet HTML 346Page - Renesas Technology Corp R8C2K Datasheet HTML 347Page - Renesas Technology Corp R8C2K Datasheet HTML 348Page - Renesas Technology Corp R8C2K Datasheet HTML 349Page - Renesas Technology Corp R8C2K Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 329 of 450
REJ09B0406-0110
Figure 17.10
Transmit Timing in UART Mode
D0
TC
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
D0
D1
D2
D3
D4
D5
D6
D7
P
SP
ST
D0
D1
ST
D0
TC
D1
D2
D3
D4
D5
D6
D7
D8
SP SP
ST
D0
D1
D2
D3
D4
D5
D6
D7
D8
SP SP
ST
D0
D1
ST
Transfer clock
TE bit in UiC1
register
TXDi
Set to 0 when interrupt request is acknowledged, or set by a program
• Transmit timing when transfer data is 8 bits long (parity enabled, 1 stop bit)
Write data to UiTB register
TC=16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: Frequency of UiBRG count source (f1, f8, f32)
fEXT: Frequency of UiBRG count source (external clock)
n: Setting value to UiBRG register
i = 0 or 2
The above timing diagram applies under the following conditions:
• PRYE bit in UiMR register = 1 (parity enabled)
• STPS bit in UiMR register = 0 (1 stop bit)
• UiIRS bit in UiC1 register = 1 (an interrupt request is generated when transmit completes)
Start
bit
Parity
bit
Stop pulsing
because the TE bit is set to 0
TXDi
Write data to UiTB register
Transfer from UiTB register to UARTi transmit register
TI bit in UiC1
register
1
0
1
0
1
0
1
0
TXEPT bit in
UiC0 register
IR bit SiTIC
register
Stop
bit
• Transmit timing when transfer data is 9 bits long (parity disabled, 2 stop bits)
1
0
Stop
bit
Stop
bit
Start
bit
Transfer clock
TE bit in UiC1
register
TI bit in UiC1
register
TXEPT bit in
UiC0 register
IR bit in SiTIC
register
1
0
1
0
1
0
Transfer from UiTB register to UARTi transmit register
TC=16 (n + 1) / fj or 16 (n + 1) / fEXT
fj: Frequency of UiBRG count source (f1, f8, f32)
fEXT: Frequency of UiBRG count source (external clock)
n: Setting value to UiBRG register
i = 0 or 2
Set to 0 when interrupt request is acknowledged, or set by a program
The above timing diagram applies under the following conditions:
• PRYE bit in UiMR register = 0 (parity disabled)
• STPS bit in UiMR register = 1 (2 stop bits)
• UiIRS bit in UiC1 register = 0 (an interrupt request is generated when transmit buffer is empty)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com