Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 344Page - Renesas Technology Corp R8C2K Datasheet HTML 345Page - Renesas Technology Corp R8C2K Datasheet HTML 346Page - Renesas Technology Corp R8C2K Datasheet HTML 347Page - Renesas Technology Corp R8C2K Datasheet HTML 348Page - Renesas Technology Corp R8C2K Datasheet HTML 349Page - Renesas Technology Corp R8C2K Datasheet HTML 350Page - Renesas Technology Corp R8C2K Datasheet HTML 351Page - Renesas Technology Corp R8C2K Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 471 page
background image
R8C/2K Group, R8C/2L Group
17. Serial Interface
Rev.1.10
Dec 21, 2007
Page 331 of 450
REJ09B0406-0110
17.2.1
Bit Rate
In UART mode, the bit rate is the frequency divided by the UiBRG (i = 0 or 2) register.
Figure 17.12 shows the Calculation Formula of UiBRG (i = 0 or 2) Register Setting Value. Table 17.7 lists the
Bit Rate Setting Example in UART Mode (Internal Clock Selected).
Figure 17.12
Calculation Formula of UiBRG (i = 0 or 2) Register Setting Value
i = 0 to 1
NOTES:
1. For the high-speed on-chip oscillator, the correction value in the FRA7 register should be written into the FRA1
register.
This applies when the high-speed on-chip oscillator is selected as the system clock and bits FRA22 to FRA20
in the FRA2 register are set to 000b (divide-by-2 mode). For the precision of the high-speed on-chip oscillator,
refer to 22. Electrical Characteristics.
Table 17.7
Bit Rate Setting Example in UART Mode (Internal Clock Selected)
Bit Rate
(bps)
UiBRG
Count
Source
System Clock = 20 MHz
System Clock = 18.432 MHz(1)
System Clock = 8 MHz
UiBRG
Setting
Value
Actual Time
(bps)
Setting
Error
(%)
UiBRG
Setting
Value
Actual Time
(bps)
Setting
Error
(%)
UiBRG
Setting
Value
Actual
Time
(bps)
Setting
Error
(%)
1200
f8
129 (81h)
1201.92
0.16 119 (77h)
1200.00
0.00
51 (33h)
1201.92
0.16
2400
f8
64 (40h)
2403.85
0.16
59 (3Bh)
2400.00
0.00
25 (19h)
2403.85
0.16
4800
f8
32 (20h)
4734.85
-1.36
29 (1Dh)
4800.00
0.00
12 (0Ch)
4807.69
0.16
9600
f1
129 (81h)
9615.38
0.16 119 (77h)
9600.00
0.00
51 (33h)
9615.38
0.16
14400
f1
86 (56h)
14367.82
-0.22
79 (4Fh)
14400.00
0.00
34 (22h) 14285.71
-0.79
19200
f1
64 (40h)
19230.77
0.16
59 (3Bh)
19200.00
0.00
25 (19h) 19230.77
0.16
28800
f1
42 (2Ah)
29069.77
0.94
39 (27h)
28800.00
0.00
16 (10h) 29411.76
2.12
38400
f1
32 (20h)
37878.79
-1.36
29 (1Dh)
38400.00
0.00
12 (0Ch) 38461.54
0.16
57600
f1
21 (15h)
56818.18
-1.36
19 (13h)
57600.00
0.00
8 (08h) 55555.56
-3.55
115200
f1
10 (0Ah)
113636.36
-1.36
9 (09h)
115200.00
0.00
−−
−
UART mode
• Internal clock selected
UiBRG register setting value =
fj
Bit Rate
× 16
- 1
Fj: Count source frequency of the UiBRG register (f1, f8, or f32)
• External clock selected
fEXT
Bit Rate
× 16
- 1
fEXT: Count source frequency of the UiBRG register (external clock)
UiBRG register setting value =
i = 0 or 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com