Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 348Page - Renesas Technology Corp R8C2K Datasheet HTML 349Page - Renesas Technology Corp R8C2K Datasheet HTML 350Page - Renesas Technology Corp R8C2K Datasheet HTML 351Page - Renesas Technology Corp R8C2K Datasheet HTML 352Page - Renesas Technology Corp R8C2K Datasheet HTML 353Page - Renesas Technology Corp R8C2K Datasheet HTML 354Page - Renesas Technology Corp R8C2K Datasheet HTML 355Page - Renesas Technology Corp R8C2K Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 471 page
background image
R8C/2K Group, R8C/2L Group
18. Hardware LIN
Rev.1.10
Dec 21, 2007
Page 335 of 450
REJ09B0406-0110
18.3
Register Configuration
The hardware LIN contains the registers listed below.
These registers are detailed in Figures 18.2 and 18.3.
• LIN Control Register 2 (LINCR2)
• LIN Control Register (LINCR)
• LIN Status Register (LINST)
Figure 18.2
Registers LINCR2 and LINCR
LIN Control Register
Symbol
Address
After Reset
LINCR
0106h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
LIN operation start bit
0 : Causes LIN to stop
1 : Causes LIN to start operating(3)
RW
LIN operation mode setting bit(2)
0 : Slave mode
(Synch Break detection circuit actuated)
1 : Master mode
(timer RA output OR’ed w ith TXD0)
0 : Disables Synch Field measurement-
completed interrupt
1 : Enables Synch Field measurement-
completed interrupt
SFIE
Synch Field measurement-
completed interrupt enable bit
b7 b6 b5 b4 b3 b2 b1 b0
0 : RXD0 input enabled
1 : RXD0 input disabled
When this bit is set to 1, timer RA input is
enabled and RXD0 input is disabled.
When read, the content is 0.
RW
RW
RO
RW
RW
RXD0 input status flag
Synch Break detection start
bit(1)
Synch Break detection interrupt
enable bit
Bus collision detection interrupt
enable bit
0 : Disables Synch Break detection interrupt
1 : Enables Synch Break detection interrupt
0 : Disables bus collision detection interrupt
1 : Enables bus collision detection interrupt
SBIE
BCIE
RXDSF
LSTART
Inputs to timer RA and UART0 are prohibited immediately after this bit is set to 1. (Refer to Figure 18.5 Exam ple of
Header Field Transm ission Flow chart (1) and Figure 18.9 Exam ple of Header Field Reception Flow chart
(2).)
Before changing LIN operation modes, temporarily stop the LIN operation (LINE bit = 0).
SBE
After setting the LSTART bit, confirm that the RXDSF flag is set to 1 before Synch Break input starts.
0 : Unmasked after Synch Break is detected
1 : Unmasked after Synch Field measurement
is completed
RW
RXD0 input unmasking timing
select bit (effective only in slave
mode)
MST
RW
LINE
LIN Control Register 2
Symbol
Address
After Reset
LINCR2
0105h
00h
Bit Symbol
Bit Name
Function
RW
RW
RW
b3 b2 b1 b0
b7 b6 b5 b4
00
0 : Disables bus collision detection
1 : Enables bus collision detection
BCE
Bus collision during Sync Break
transmission detection enable bit
—
—
(b7-b3)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b2-b1)
Reserved bits
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com