Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 349Page - Renesas Technology Corp R8C2K Datasheet HTML 350Page - Renesas Technology Corp R8C2K Datasheet HTML 351Page - Renesas Technology Corp R8C2K Datasheet HTML 352Page - Renesas Technology Corp R8C2K Datasheet HTML 353Page - Renesas Technology Corp R8C2K Datasheet HTML 354Page - Renesas Technology Corp R8C2K Datasheet HTML 355Page - Renesas Technology Corp R8C2K Datasheet HTML 356Page - Renesas Technology Corp R8C2K Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 471 page
background image
R8C/2K Group, R8C/2L Group
18. Hardware LIN
Rev.1.10
Dec 21, 2007
Page 336 of 450
REJ09B0406-0110
Figure 18.3
LINST Register
LIN Status Register
Symbol
Address
After Reset
LINST
0107h
00h
Bit Symbol
Bit Name
Function
RW
—
(b7-b6)
—
1 show s Synch Field measurement completed.
SFDCT
Synch Field measurement-
completed flag
RO
RW
RW
RW
RO
b3 b2 b1 b0
b7 b6 b5 b4
RO
SBDCT bit clear bit
BCDCT bit clear bit
1 show s Synch Break detected or Synch
Break generation completed.
1 show s Bus collision detected
When this bit is set to 1, the SFDCT bit is set to
0.
When read, the content is 0.
When this bit is set to 1, the SBDCT bit is set to
0.
When read, the content is 0.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
B2CLR
SBDCT
BCDCT
B0CLR
B1CLR
When this bit is set to 1, the BCDCT bit is set to
0.
When read, the content is 0.
Synch Break detection flag
Bus collision detection flag
SFDCT bit clear bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com