Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 352Page - Renesas Technology Corp R8C2K Datasheet HTML 353Page - Renesas Technology Corp R8C2K Datasheet HTML 354Page - Renesas Technology Corp R8C2K Datasheet HTML 355Page - Renesas Technology Corp R8C2K Datasheet HTML 356Page - Renesas Technology Corp R8C2K Datasheet HTML 357Page - Renesas Technology Corp R8C2K Datasheet HTML 358Page - Renesas Technology Corp R8C2K Datasheet HTML 359Page - Renesas Technology Corp R8C2K Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 471 page
background image
R8C/2K Group, R8C/2L Group
18. Hardware LIN
Rev.1.10
Dec 21, 2007
Page 339 of 450
REJ09B0406-0110
Figure 18.6
Example of Header Field Transmission Flowchart (2)
Timer RA Set the timer to start counting
TSTART bit in TRACR register
← 1
Timer RA Read the count status flag
TCSTF flag in TRACR register
Hardware LIN Read the Synch Break detection flag
SBDCT flag in LINST register
Timer RA Set the timer to stop counting
TSTART bit in TRACR register
← 0
Timer RA Read the count status flag
TCSTF flag in TRACR register
UART0 Communication via UART0
TE bit in U0C1 register
← 1
U0TB register
← 0055h
The timer RA interrupt may be used
to terminate generation of Synch
Break.
Three to five cycles of the CPU clock
are required after Synch Break
generation completes before the
SBDCT flag is set to 1.
Transmit the ID field.
A
TCSTF = 1 ?
SBDCT = 1 ?
YES
TCSTF = 0 ?
YES
UART0 Communication via UART0
U0TB register
← ID field
NO
YES
NO
NO
If registers TRAPRE and TRA for timer
RA do not need to be read or the
register settings do not need to be
changed after writing 0 to the TSTART
bit, the procedure for reading TCSTF
flag = 0 can be omitted.
Zero to one cycle of the timer RA count
source is required after timer RA stops
counting before the TCSTF flag is set
to 0.
Transmit the Synch Field.
After timer RA Synch Break is
generated, the timer should be made
to stop counting.
If registers TRAPRE and TRA for
timer RA do not need to be read or
the register settings do not need to be
changed after writing 1 to the
TSTART bit, the procedure for reading
TCSTF flag = 1 can be omitted.
Zero to one cycle of the timer RA
count source is required after timer
RA starts counting before the TCSTF
flag is set to 1.
Timer RA generates Synch Break.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com