Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 350Page - Renesas Technology Corp R8C2K Datasheet HTML 351Page - Renesas Technology Corp R8C2K Datasheet HTML 352Page - Renesas Technology Corp R8C2K Datasheet HTML 353Page - Renesas Technology Corp R8C2K Datasheet HTML 354Page - Renesas Technology Corp R8C2K Datasheet HTML 355Page - Renesas Technology Corp R8C2K Datasheet HTML 356Page - Renesas Technology Corp R8C2K Datasheet HTML 357Page - Renesas Technology Corp R8C2K Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 471 page
background image
R8C/2K Group, R8C/2L Group
18. Hardware LIN
Rev.1.10
Dec 21, 2007
Page 337 of 450
REJ09B0406-0110
18.4
Functional Description
18.4.1
Master Mode
Figure 18.4 shows typical operation of the hardware LIN when transmitting a header field in master mode.
Figures 18.5 and 18.6 show an Example of Header Field Transmission Flowchart.
When transmitting a header field, the hardware LIN operates as described below.
(1) When the TSTART bit in the TRACR register for timer RA is set by writing 1 in software, the hardware
LIN outputs “L” level from the TXD0 pin for the period that is set in registers TRAPRE and TRA for timer
RA.
(2) When timer RA underflows upon reaching the terminal count, the hardware LIN reverses the output of the
TXD0 pin and sets the SBDCT flag in the LINST register to 1. Furthermore, if the SBIE bit in the LINCR
register is set to 1, it generates a timer RA interrupt.
(3) The hardware LIN transmits 55h via UART0.
(4) The hardware LIN transmits an ID field via UART0 after it finishes sending 55h.
(5) The hardware LIN performs communication for a response field after it finishes sending the ID field.
Figure 18.4
Typical Operation when Sending a Header Field
TXD0 pin
Synch Break
1
0
SBDCT flag in the
LINST register
1
0
IR bit in the TRAIC
register
1
0
Synch Field
IDENTIFIER
(1)
(2)
(3)
(4)
(5)
Set by writing 1 to the
B1CLR bit in the LINST
register
Cleared to 0 upon
acceptance of interrupt
request or by a program
The above applies under the following conditions:
LINE = 1, MST = 1, SBIE = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com