Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 451Page - Renesas Technology Corp R8C2K Datasheet HTML 452Page - Renesas Technology Corp R8C2K Datasheet HTML 453Page - Renesas Technology Corp R8C2K Datasheet HTML 454Page - Renesas Technology Corp R8C2K Datasheet HTML 455Page - Renesas Technology Corp R8C2K Datasheet HTML 456Page - Renesas Technology Corp R8C2K Datasheet HTML 457Page - Renesas Technology Corp R8C2K Datasheet HTML 458Page - Renesas Technology Corp R8C2K Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 471 page
background image
R8C/2K Group, R8C/2L Group
23. Usage Notes
Rev.1.10
Dec 21, 2007
Page 438 of 450
REJ09B0406-0110
When the value in the buffer register is set to 0000h:
Transfer takes place at compare match between registers TRD0 and TRDGRA0.
After this, when the buffer register is set to 0001h or above and a smaller value than the value of the
TRDGRA0 register, and a compare match occurs between registers TRD0 and TRDGRA0 for the first time
after setting, the value is transferred to the general register. After that, the value is transferred with the timing
selected by bits CMD1 to CMD0.
Figure 23.7
Operation when Value in Buffer Register Is Set to 0000h in Complementary PWM
Mode
23.3.4.8
Count Source fOCO40M
• The count source fOCO40M can be used with supply voltage VCC = 3.0 to 5.5 V. For supply voltage other
than that, do not set bits TCK2 to TCK0 in registers TRDCR0 and TRDCR to 110b (select fOCO40M as the
count source).
0000h
TRDGRD0 register
TRDIOB0 output
n1
m+1
n2
n1
0000h
n1
0000h
n1
n1
n2
TRDGRB0 register
Transfer
Transfer at compare
match between
registers TRD0 and
TRDGRA0 because
content in TRDGRD0
register is set to
0000h.
Transfer at compare
match between
registers TRD0 and
TRDGRA0 because
of first setting to
0001h
≤ n1 < m
Transfer with timing
set by bits CMD1 to
CMD0
TRDIOD0 output
m: Value set in TRDGRA0 register
The above applies under the following conditions:
• Bits CMD1 to CMD0 in the TRDFCR register are set to 10b (data in the buffer register is transferred at underflow of the TRD1 register in
PWM mode).
• Both the OLS0 and OLS1 bits in the TRDFCR register are set to 1 (active “H” for normal-phase and counter-phase).
Count value in TRD0 register
Count value in TRD1 register
Transfer with timing
set by bits CMD1 to
CMD0
Transfer
Transfer
Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com