Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 447Page - Renesas Technology Corp R8C2K Datasheet HTML 448Page - Renesas Technology Corp R8C2K Datasheet HTML 449Page - Renesas Technology Corp R8C2K Datasheet HTML 450Page - Renesas Technology Corp R8C2K Datasheet HTML 451Page - Renesas Technology Corp R8C2K Datasheet HTML 452Page - Renesas Technology Corp R8C2K Datasheet HTML 453Page - Renesas Technology Corp R8C2K Datasheet HTML 454Page - Renesas Technology Corp R8C2K Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 471 page
background image
R8C/2K Group, R8C/2L Group
23. Usage Notes
Rev.1.10
Dec 21, 2007
Page 434 of 450
REJ09B0406-0110
23.3.4.4
Count Source Switch
• Switch the count source after the count stops.
Change procedure
(1) Set the TSTARTi (i = 0 or 1) bit in the TRDSTR register to 0 (count stops).
(2) Change bits TCK2 to TCK0 in the TRDCRi register.
• When changing the count source from fOCO40M to another source and stopping fOCO40M, wait 2 cycles of
f1 or more after setting the clock switch, and then stop fOCO40M.
Change procedure
(1) Set the TSTARTi (i = 0 or 1) bit in the TRDSTR register to 0 (count stops).
(2) Change bits TCK2 to TCK0 in the TRDCRi register.
(3) Wait 2 or more cycles of f1.
(4) Set the FRA00 bit in the FRA0 register to 0 (high-speed on-chip oscillator stops).
23.3.4.5
Input Capture Function
• Set the pulse width of the input capture signal to 3 or more cycles of the timer RD operation clock (refer to
Table 16.25 Timer RD Operation Clocks).
• The value in the TRDi register is transferred to the TRDGRji register 2 to 3 cycles of the timer RD operation
clock after the input capture signal is applied to the TRDIOji pin (i = 0 or 1, j = either A, B, C, or D) (no digital
filter).
23.3.4.6
Reset Synchronous PWM Mode
• When reset synchronous PWM mode is used for motor control, make sure OLS0 = OLS1.
• Set to reset synchronous PWM mode by the following procedure:
Change procedure
(1) Set the TSTART0 bit in the TRDSTR register to 0 (count stops).
(2) Set bits CMD1 to CMD0 in the TRDFCR register to 00b (timer mode, PWM mode, and PWM3 mode).
(3) Set bits CMD1 to CMD0 to 01b (reset synchronous PWM mode).
(4) Set the other registers associated with timer RD again.
23.3.4.7
Complementary PWM Mode
• When complementary PWM mode is used for motor control, make sure OLS0 = OLS1.
• Change bits CMD1 to CMD0 in the TRDFCR register in the following procedure.
Change procedure: When setting to complementary PWM mode (including re-set), or changing the transfer
timing from the buffer register to the general register in complementary PWM mode.
(1) Set both the TSTART0 and TSTART1 bits in the TRDSTR register to 0 (count stops).
(2) Set bits CMD1 to CMD0 in the TRDFCR register to 00b (timer mode, PWM mode, and PWM3 mode).
(3) Set bits CMD1 to CMD0 to 10b or 11b (complementary PWM mode).
(4) Set the registers associated with other timer RD again.
Change procedure: When stopping complementary PWM mode
(1) Set both the TSTART0 and TSTART1 bits in the TRDSTR register to 0 (count stops).
(2) Set bits CMD1 to CMD to 00b (timer mode, PWM mode, and PWM3 mode).
• Do not write to TRDGRA0, TRDGRB0, TRDGRA1, or TRDGRB1 register during operation.
When changing the PWM waveform, transfer the values written to registers TRDGRD0, TRDGRC1, and
TRDGRD1 to registers TRDGRB0, TRDGRA1, and TRDGRB1 using the buffer operation.
However, to write data to the TRDGRD0, TRDGRC1, or TRDGRD1 register, set bits BFD0, BFC1, and
BFD1 to 0 (general register). After this, bits BFD0, BFC1, and BFD1 may be set to 1 (buffer register).
The PWM period cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com