Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 444Page - Renesas Technology Corp R8C2K Datasheet HTML 445Page - Renesas Technology Corp R8C2K Datasheet HTML 446Page - Renesas Technology Corp R8C2K Datasheet HTML 447Page - Renesas Technology Corp R8C2K Datasheet HTML 448Page - Renesas Technology Corp R8C2K Datasheet HTML 449Page - Renesas Technology Corp R8C2K Datasheet HTML 450Page - Renesas Technology Corp R8C2K Datasheet HTML 451Page - Renesas Technology Corp R8C2K Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 471 page
background image
R8C/2K Group, R8C/2L Group
23. Usage Notes
Rev.1.10
Dec 21, 2007
Page 431 of 450
REJ09B0406-0110
23.3.2.4
Programmable wait one-shot generation mode
The following three workarounds should be performed in programmable wait one-shot generation mode.
(1) To write to registers TRBPRE and TRBPR during count operation (TCSTF bit is set to 1), note the
following points:
• When the TRBPRE register is written continuously, allow three or more cycles of the count source for each
write interval.
• When the TRBPR register is written continuously, allow three or more cycles of the prescaler underflow for
each write interval.
(2) Do not set both the TRBPRE and TRBPR registers to 00h.
(3) Set registers TRBSC and TRBPR using the following procedure.
(a)
To use “INT0 pin one-shot trigger enabled” as the count start condition
Set the TRBSC register and then the TRBPR register. At this time, after writing to the TRBPR
register, allow an interval of 0.5 or more cycles of the count source before trigger input from the
INT0 pin.
(b)
To use “writing 1 to TOSST bit” as the start condition
Set the TRBSC register, the TRBPR register, and then TOSST bit. At this time, after writing to the
TRBPR register, allow an interval of 0.5 or more cycles of the count source before writing to the
TOSST bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com