Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 445Page - Renesas Technology Corp R8C2K Datasheet HTML 446Page - Renesas Technology Corp R8C2K Datasheet HTML 447Page - Renesas Technology Corp R8C2K Datasheet HTML 448Page - Renesas Technology Corp R8C2K Datasheet HTML 449Page - Renesas Technology Corp R8C2K Datasheet HTML 450Page - Renesas Technology Corp R8C2K Datasheet HTML 451Page - Renesas Technology Corp R8C2K Datasheet HTML 452Page - Renesas Technology Corp R8C2K Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 471 page
background image
R8C/2K Group, R8C/2L Group
23. Usage Notes
Rev.1.10
Dec 21, 2007
Page 432 of 450
REJ09B0406-0110
23.3.3
Notes on Timer RC
23.3.3.1
TRC Register
• The following note applies when the CCLR bit in the TRCCR1 register is set to 1 (clear TRC register at
compare match with TRCGRA register).
When using a program to write a value to the TRC register while the TSTART bit in the TRCMR register is set
to 1 (count starts), ensure that the write does not overlap with the timing with which the TRC register is set to
0000h.
If the timing of the write to the TRC register and the setting of the TRC register to 0000h coincide, the write
value will not be written to the TRC register and the TRC register will be set to 0000h.
• Reading from the TRC register immediately after writing to it can result in the value previous to the write
being read out. To prevent this, execute the JMP.B instruction between the read and the write instructions.
Program Example
MOV.W
#XXXXh, TRC
;Write
JMP.B
L1
;JMP.B instruction
L1:
MOV.W
TRC,DATA
;Read
23.3.3.2
TRCSR Register
Reading from the TRCSR register immediately after writing to it can result in the value previous to the write
being read out. To prevent this, execute the JMP.B instruction between the read and the write instructions.
Program Example
MOV.B
#XXh, TRCSR
;Write
JMP.B
L1
;JMP.B instruction
L1:
MOV.B
TRCSR,DATA
;Read
23.3.3.3
Count Source Switching
• Stop the count before switching the count source.
Switching procedure
(1) Set the TSTART bit in the TRCMR register to 0 (count stops).
(2) Change the settings of bits TCK2 to TCK0 in the TRCCR1 register.
• After switching the count source from fOCO40M to another clock, allow a minimum of two cycles of f1 to
elapse after changing the clock setting before stopping fOCO40M.
Switching procedure
(1) Set the TSTART bit in the TRCMR register to 0 (count stops).
(2) Change the settings of bits TCK2 to TCK0 in the TRCCR1 register.
(3) Wait for a minimum of two cycles of f1.
(4) Set the FRA00 bit in the FRA0 register to 0 (high-speed on-chip oscillator off).
23.3.3.4
Input Capture Function
• The pulse width of the input capture signal should be three cycles or more of the timer RC operation clock
(refer to Table 16.11 Timer RC Operation Clock).
• The value of the TRC register is transferred to the TRCGRj register one or two cycles of the timer RC
operation clock after the input capture signal is input to the TRCIOj (j = A, B, C, or D) pin (when the digital
filter function is not used).
23.3.3.5
TRCMR Register in PWM2 Mode
When the CSEL bit in the TRCCR2 register is set to 1 (count stops at compare match with the TRCGRA
register), do not set the TRCMR register at compare match timing of registers TRC and TRCGRA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com