Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 456Page - Renesas Technology Corp R8C2K Datasheet HTML 457Page - Renesas Technology Corp R8C2K Datasheet HTML 458Page - Renesas Technology Corp R8C2K Datasheet HTML 459Page - Renesas Technology Corp R8C2K Datasheet HTML 460Page - Renesas Technology Corp R8C2K Datasheet HTML 461Page - Renesas Technology Corp R8C2K Datasheet HTML 462Page - Renesas Technology Corp R8C2K Datasheet HTML 463Page - Renesas Technology Corp R8C2K Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 471 page
background image
R8C/2K Group, R8C/2L Group
23. Usage Notes
Rev.1.10
Dec 21, 2007
Page 443 of 450
REJ09B0406-0110
23.7.1.4
How to Access
Write 0 before writing 1 when setting Bits FMR01, FMR02 in the FMR0 register, or FMR11 bit in the FMR1
register to 1. Do not generate an interrupt between writing 0 and 1.
23.7.1.5
Rewriting User ROM Area
In EW0 Mode, if the supply voltage drops while rewriting any block in which a rewrite control program is
stored, it may not be possible to rewrite the flash memory because the rewrite control program cannot be
rewritten correctly. In this case, use standard serial I/O mode.
23.7.1.6
Program
Do not write additions to the already programmed address.
23.7.1.7
Suspend
Do not use the block erase command during program-suspend.
23.7.1.8
Entering Stop Mode or Wait Mode
Do not enter stop mode or wait mode during erase-suspend.
23.7.1.9
Program and Erase Voltage for Flash Memory
To perform programming and erasure, use VCC = 2.7 V to 5.5 V as the supply voltage. Do not perform
programming and erasure at less than 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com