Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 458Page - Renesas Technology Corp R8C2K Datasheet HTML 459Page - Renesas Technology Corp R8C2K Datasheet HTML 460Page - Renesas Technology Corp R8C2K Datasheet HTML 461Page - Renesas Technology Corp R8C2K Datasheet HTML 462Page - Renesas Technology Corp R8C2K Datasheet HTML 463Page - Renesas Technology Corp R8C2K Datasheet HTML 464Page - Renesas Technology Corp R8C2K Datasheet HTML 465Page - Renesas Technology Corp R8C2K Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 471 page
background image
R8C/2K Group, R8C/2L Group
24. Notes for On-Chip Debugger
Rev.1.10
Dec 21, 2007
Page 445 of 450
REJ09B0406-0110
24. Notes for On-Chip Debugger
When using the on-chip debugger to develop and debug programs for the R8C/2K Group and R8C/2L Group take note
of the following.
(1)
Some of the user flash memory and RAM areas are used by the on-ship debugger. These areas cannot be accessed
by the user.
Refer to the on-chip debugger manual for which areas are used.
(2)
Do not set the address match interrupt (registers AIER, RMAD0, and RMAD1 and fixed vector tables) in a user
system.
(3)
Do not use the BRK instruction in a user system.
(4)
Debugging is available under the condition of supply voltage VCC = 2.7 to 5.5 V. Debugging with the on-chip
debugger under less than 2.7 V is not allowed.
Connecting and using the on-chip debugger has some special restrictions. Refer to the on-chip debugger manual for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com