Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 463Page - Renesas Technology Corp R8C2K Datasheet HTML 464Page - Renesas Technology Corp R8C2K Datasheet HTML 465Page - Renesas Technology Corp R8C2K Datasheet HTML 466Page - Renesas Technology Corp R8C2K Datasheet HTML 467Page - Renesas Technology Corp R8C2K Datasheet HTML 468Page - Renesas Technology Corp R8C2K Datasheet HTML 469Page - Renesas Technology Corp R8C2K Datasheet HTML 470Page - Renesas Technology Corp R8C2K Datasheet HTML 471Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 468 / 471 page
background image
C - 1
REVISION HISTORY
R8C/2K Group, R8C/2L Group Hardware Manual
Rev.
Date
Description
Page
Summary
0.10
Jul 20, 2007
−
First Edition issued
0.20
Aug 31, 2007
108
Figure 12.11 “UART1 receive”, “UART1 transmit” deleted
199
Figure 16.50
“
• The CCLR bit in the TRCCR1 register is set to 0 .... compare match).”
→ “• The CCLR bit in the TRCCR1 register is set to 1 .... compare
match).”
200
Table 16.20 “j = A, B, C, or D”
→ “ j = B, C, or D”
254
Figure 16.96 revised
338
Figure 18.9
“When the SBE bit .... timer RA may be used in timer mode after the
SBDCT flag in the LINST register is set to 1.”
→ “When the SBE bit ....
timer RA can be used in timer mode after the SBDCT flag in the LINST
register is set to 1 and the RXDSF flag is set to 0.”
355
Figure 19.10
“SW5 conducts when compare operation is in progress.” added
442
Appendix Figure 2.1 revised
1.00
Nov 7, 2007
All pages “Preliminary” deleted
3, 5
Table 1.2, Table 1.4;
Current consumption: “TBD”
→ “Typ. 10 mA” “Typ. 6 mA” “Typ. 2.0 µA”
“Typ. 0.7
µA” revised
6, 7
Table 1.5, Table 1.6 revised
Figure 1.1, Figure 1.2; ROM number “XXX” added, NOTE1 added
20
Table 4.4 “005Fh” “006Fh” “007Fh” “008Fh” added
45, 56
Figure 7.11 added
58 to 60 Table 7.5 NOTE3 added
Table 7.6, Table 7.7, Table 7.10, Table 7.12, Table 7.14 NOTE2 added
65
Table 7.28 NOTE2 and NOTE3 added
Table 7.29, Table 7.31 NOTE2 added
111
Figure 12.12 added
136
Figure 16.1 “TSTART”
→ “TCSTF” revised
153
Figure 16.13 added
176
Table 16.13 “00F7h” added
177
Figure 16.28 added
307
Figure 16.145 “TSTP0”
→ “CSEL0” revised
321
Figure 17.6 added
402
Table 22.2 NOTE2 revised
410, 411 Table 22.14, Table 22.15 revised
415, 419 Table 22.21, Table 22.27 revised
447
Appendix Figure 3.1 revised
R8C/2K Group, R8C/2L Group Hardware Manual
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com