Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 463Page - Renesas Technology Corp R8C2K Datasheet HTML 464Page - Renesas Technology Corp R8C2K Datasheet HTML 465Page - Renesas Technology Corp R8C2K Datasheet HTML 466Page - Renesas Technology Corp R8C2K Datasheet HTML 467Page - Renesas Technology Corp R8C2K Datasheet HTML 468Page - Renesas Technology Corp R8C2K Datasheet HTML 469Page - Renesas Technology Corp R8C2K Datasheet HTML 470Page - Renesas Technology Corp R8C2K Datasheet HTML 471Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 469 / 471 page
background image
C - 2
REVISION HISTORY
R8C/2K Group, R8C/2L Group Hardware Manual
1.10
Dec 21, 2007
3, 5
Table 1.2, Table 1.4: revised, NOTE2 added
6, 7
Figure 1.1, Figure 1.2: “Y: Operating ambient ....”, NOTE1 added
15, 16
Figure 3.1, Figure 3.2: “Expanded area” deleted
17
Table 4.1 “002Ch” added, “003Bh” “003Ch” “003Dh” deleted
20
Table 4.4 “00D4h” “00D6h” revised
22
Table 4.6 “0143h” revised
35
Figure 6.5 “VCA Register” NOTE7 deleted
59
Table 7.11 revised
73
Figure 10.2 revised
78
Figure 10.7 “FRA7 Register” added
79
Figure 10.8 NOTE7 deleted
82
10.2.2 revised
83
10.3.8 revised
185
Figure 16.38 TRCIOR0: b3 revised, NOTE4 added
192
16.3.4, Table 16.16: revised
193
Figure 16.44 revised
194
Figure 14.45 b3 revised, NOTE3 added
199
Figure 14.49 b3 revised
203
Table 16.20 Interrupt request generation timing: Specification “... and
TRCGRj match)”
→ “... and TRCGRh match)”
“h = A, B, C, or D” added
209
Table 16.22 “ j = A, B, C, or D”
→ “ j = A, B, or C”
297
Figure 16.135 b1 revised
331
Table 17.7 revised
402
22. “The electrical characteristics ....” added
408
Table 21.10 Symbol “fOCO40M”: Parameter added, NOTE4 added
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com