Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 100Page - Renesas Technology Corp R8C2K Datasheet HTML 101Page - Renesas Technology Corp R8C2K Datasheet HTML 102Page - Renesas Technology Corp R8C2K Datasheet HTML 103Page - Renesas Technology Corp R8C2K Datasheet HTML 104Page - Renesas Technology Corp R8C2K Datasheet HTML 105Page - Renesas Technology Corp R8C2K Datasheet HTML 106Page - Renesas Technology Corp R8C2K Datasheet HTML 107Page - Renesas Technology Corp R8C2K Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 87 of 450
REJ09B0406-0110
10.4.2.4
Exiting Wait Mode
The MCU exits wait mode by a reset or a peripheral function interrupt.
The peripheral function interrupts are affected by the CM02 bit. When the CM02 bit is set to 0 (peripheral
function clock does not stop in wait mode), all peripheral function interrupts can be used to exit wait mode.
When the CM02 bit is set to 1 (peripheral function clock stops in wait mode), the peripheral functions using the
peripheral function clock stop operating and the peripheral functions operated by external signals or on-chip
oscillator clock can be used to exit wait mode.
Table 10.3 lists Interrupts to Exit Wait Mode and Usage Conditions.
Table 10.3
Interrupts to Exit Wait Mode and Usage Conditions
Interrupt
CM02 = 0
CM02 = 1
Serial interface interrupt
Usable when operating with
internal or external clock
Usable when operating with external
clock
Key input interrupt
Usable
Usable
A/D conversion interrupt
Usable in one-shot mode
(Do not use)
Timer RA interrupt
Usable in all modes
Can be used if there is no filter in
event counter mode.
Usable by selecting fOCO or fC32 as
count source.
Timer RB interrupt
Usable in all modes
(Do not use)
Timer RC interrupt
Usable in all modes
(Do not use)
Timer RD interrupt
Usable in all modes
Usable by selecting fOCO40M as
count source.
INT interrupt
Usable
Usable (INT0, INT1, INT3 can be used
if there is no filter.)
Voltage monitor 1 interrupt
Usable
Usable
Voltage monitor 2 interrupt
Usable
Usable
Oscillation stop detection
interrupt
Usable
(Do not use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com