Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 104Page - Renesas Technology Corp R8C2K Datasheet HTML 105Page - Renesas Technology Corp R8C2K Datasheet HTML 106Page - Renesas Technology Corp R8C2K Datasheet HTML 107Page - Renesas Technology Corp R8C2K Datasheet HTML 108Page - Renesas Technology Corp R8C2K Datasheet HTML 109Page - Renesas Technology Corp R8C2K Datasheet HTML 110Page - Renesas Technology Corp R8C2K Datasheet HTML 111Page - Renesas Technology Corp R8C2K Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 91 of 450
REJ09B0406-0110
Figure 10.13 shows the State Transitions in Power Control Mode.
Figure 10.13
State Transitions in Power Control Mode
CM10 = 1
CPU operation stops
Stop mode
State Transitions in Power Control Mode
Reset
Wait mode
Low-speed on-chip oscillator mode
CM14 = 0
OCD2 = 1
FRA01 = 0
High-speed on-chip oscillator mode
OCD2 = 1
FRA00 = 1
FRA01 = 1
High-speed clock mode
CM05 = 0
CM13 = 1
OCD2 = 0
Standard operating mode
CM14 = 0
OCD2 = 1
FRA01 = 0
CM05 = 0
CM13 = 1
OCD2 = 0
CM05 = 0
CM13 = 1
OCD2 = 0
OCD2 = 1
FRA00 = 1
FRA01 = 1
FRA00 = 1
FRA01 = 1
CM14 = 0
FRA01 = 0
All oscillators stop
Interrupt
WAIT instruction
Interrupt
CM05: Bit in CM0 register
CM13, CM14: Bits in CM1 register
OCD2: Bit in OCD register
FRA00, FRA01: Bits in FRA0 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com