Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 105Page - Renesas Technology Corp R8C2K Datasheet HTML 106Page - Renesas Technology Corp R8C2K Datasheet HTML 107Page - Renesas Technology Corp R8C2K Datasheet HTML 108Page - Renesas Technology Corp R8C2K Datasheet HTML 109Page - Renesas Technology Corp R8C2K Datasheet HTML 110Page - Renesas Technology Corp R8C2K Datasheet HTML 111Page - Renesas Technology Corp R8C2K Datasheet HTML 112Page - Renesas Technology Corp R8C2K Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 471 page
background image
R8C/2K Group, R8C/2L Group
10. Clock Generation Circuit
Rev.1.10
Dec 21, 2007
Page 92 of 450
REJ09B0406-0110
10.5
Oscillation Stop Detection Function
The oscillation stop detection function detects the stop of the XIN clock oscillating circuit. The oscillation stop
detection function can be enabled and disabled by the OCD0 bit in the OCD register.
Table 10.5 lists the Specifications of Oscillation Stop Detection Function.
When the XIN clock is the CPU clock source and bits OCD1 to OCD0 are set to 11b, the system is placed in the
following state if the XIN clock stops.
• OCD2 bit in OCD register = 1 (on-chip oscillator clock selected)
• OCD3 bit in OCD register = 1 (XIN clock stops)
• CM14 bit in CM1 register = 0 (low-speed on-chip oscillator oscillates)
• Oscillation stop detection interrupt request is generated.
10.5.1
How to Use Oscillation Stop Detection Function
• The oscillation stop detection interrupt shares a vector with the voltage monitor 1 interrupt, the voltage
monitor 2 interrupt, and the watchdog timer interrupt. When using the oscillation stop detection interrupt and
watchdog timer interrupt, the interrupt source needs to be determined.
Table 10.6 lists the Determining Interrupt Source for Oscillation Stop Detection, Watchdog Timer, Voltage
Monitor 1, and Voltage Monitor 2 Interrupts. Figure 10.15 shows the Example of Determining Interrupt
Source for Oscillation Stop Detection, Watchdog Timer, Voltage Monitor 1, or Voltage Monitor 2 Interrupt.
• When the XIN clock restarts after oscillation stop, switch the XIN clock to the clock source of the CPU clock
and peripheral functions by a program.
Figure 10.14 shows the Procedure for Switching Clock Source from Low-Speed On-Chip Oscillator to XIN
Clock.
• To enter wait mode while using the oscillation stop detection function, set the CM02 bit to 0 (peripheral
function clock does not stop in wait mode).
• Since the oscillation stop detection function is a function for cases where the XIN clock is stopped by an
external cause, set bits OCD1 to OCD0 to 00b when the XIN clock stops or is started by a program, (stop
mode is selected or the CM05 bit is changed).
• This function cannot be used when the XIN clock frequency is 2 MHz or below. In this case, set bits OCD1 to
OCD0 to 00b.
• To use the low-speed on-chip oscillator clock for the CPU clock and clock sources of peripheral functions
after detecting the oscillation stop, set the FRA01 bit in the FRA0 register to 0 (low-speed on-chip oscillator
selected) and bits OCD1 to OCD0 to 11b.
To use the high-speed on-chip oscillator clock for the CPU clock and clock sources of peripheral functions
after detecting the oscillation stop, set the FRA00 bit to 1 (high-speed on-chip oscillator on) and the FRA01
bit to 1 (high-speed on-chip oscillator selected) and then set bits OCD1 to OCD0 to 11b.
Table 10.5
Specifications of Oscillation Stop Detection Function
Item
Specification
Oscillation stop detection clock and
frequency bandwidth
f(XIN)
≥ 2 MHz
Enabled condition for oscillation stop
detection function
Set bits OCD1 to OCD0 to 11b
Operation at oscillation stop detection
Oscillation stop detection interrupt is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com