Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 148Page - Renesas Technology Corp R8C2K Datasheet HTML 149Page - Renesas Technology Corp R8C2K Datasheet HTML 150Page - Renesas Technology Corp R8C2K Datasheet HTML 151Page - Renesas Technology Corp R8C2K Datasheet HTML 152Page - Renesas Technology Corp R8C2K Datasheet HTML 153Page - Renesas Technology Corp R8C2K Datasheet HTML 154Page - Renesas Technology Corp R8C2K Datasheet HTML 155Page - Renesas Technology Corp R8C2K Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 135 of 450
REJ09B0406-0110
NOTES:
1.
Rectangular waves are output in these modes. Since the waves are inverted at each overflow, the “H” and “L” level widths of
the pulses are the same.
2.
The underflow interrupt can be set to channel 1.
Table 16.1
Functional Comparison of Timers
Item
Timer RA
Timer RB
Timer RC
Timer RD
Configuration
8-bit timer with 8-bit
prescaler (with reload
register)
8-bit timer with 8-bit
prescaler (with reload
register)
16-bit timer (with input
capture and output
compare)
16-bit timer × 2 (with
input capture and
output compare)
Count
Decrement
Decrement
Increment
Increment/Decrement
Count sources
• f1
•f2
•f8
•fOCO
•f1
•f2
•f8
• Timer RA underflow
•f1
•f2
•f4
•f8
•f32
• fOCO40M
• TRCCLK
•f1
•f2
•f4
•f8
•f32
• fOCO40M
•TRDIOA0
Function Count of the internal
count source
Timer mode
Timer mode
Timer mode (output
compare function)
Timer mode (output
compare function)
Count of the external
count source
Event counter mode
—
Timer mode (output
compare function)
Timer mode (output
compare function)
External pulse width/
period measurement
Pulse width
measurement mode,
pulse period
measurement mode
—
Timer mode (input
capture function; 4
pins)
Timer mode (input
compare function; 2
channels × 4 pins)
PWM output
Pulse output mode(1),
Event counter mode(1)
Programmable
waveform generation
mode
Timer mode (output
compare function; 4
pins)(1),
PWM mode (3 pins),
PWM2 mode (1 pin)
Timer mode (output
compare function; 2
channels × 4 pins)(1)
,
PWM mode
(2 channels × 3 pins),
PWM3 mode
(2 channels × 2 pins)
One-shot waveform
output
—
Programmable one-
shot generation mode,
Programmable wait
one-shot generation
mode
PWM mode (3 pins)
PWM mode
(2 channels × 3 pins)
Three-phase
waveforms output
—
—
—
Reset synchronous
PWM mode
(2 channels × 3 pins,
Sawtooth wave
modulation),
Complementary PWM
mode
(2 channels × 3 pins,
triangular wave
modulation, dead time)
Input pin
TRAIO
INT0
INT0, TRCCLK,
TRCTRG, TRCIOA,
TRCIOB, TRCIOC,
TRCIOD
INT0, TRDCLK,
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
Output pin
TRAO
TRAIO
TRBO
TRCIOA,
TRCIOB, TRCIOC,
TRCIOD
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
Related interrupt
Timer RA interrupt,
INT1 interrupt
Timer RB interrupt,
INT0 interrupt
Compare match/input
capture A to D
interrupt,
Overflow interrupt,
INT0 interrupt
Compare match/input
capture A0 to D0
interrupt,
Compare match/input
capture A1 to D1
interrupt,
Overflow interrupt,
Underflow interrupt(2),
INT0 interrupt
Timer stop
Provided
Provided
Provided
Provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com