Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 152Page - Renesas Technology Corp R8C2K Datasheet HTML 153Page - Renesas Technology Corp R8C2K Datasheet HTML 154Page - Renesas Technology Corp R8C2K Datasheet HTML 155Page - Renesas Technology Corp R8C2K Datasheet HTML 156Page - Renesas Technology Corp R8C2K Datasheet HTML 157Page - Renesas Technology Corp R8C2K Datasheet HTML 158Page - Renesas Technology Corp R8C2K Datasheet HTML 159Page - Renesas Technology Corp R8C2K Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 139 of 450
REJ09B0406-0110
16.1.1
Timer Mode
In this mode, the timer counts an internally generated count source (refer to Table 16.2 Timer Mode
Specifications).
Figure 16.4 shows the TRAIOC Register in Timer Mode.
Figure 16.4
TRAIOC Register in Timer Mode
Table 16.2
Timer Mode Specifications
Item
Specification
Count sources
f1, f2, f8, fOCO
Count operations
• Decrement
• When the timer underflows, the contents of the reload register are reloaded
and the count is continued.
Divide ratio
1/(n+1)(m+1)
n: Value set in TRAPRE register, m: Value set in TRA register
Count start condition
1 (count starts) is written to the TSTART bit in the TRACR register.
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRACR register.
• 1 (count forcibly stops) is written to the TSTOP bit in the TRACR register.
Interrupt request
generation timing
When timer RA underflows [timer RA interrupt].
INT1/TRAIO pin
function
Programmable I/O port, or INT1 interrupt input
Read from timer
The count value can be read by reading registers TRA and TRAPRE.
Write to timer
• When registers TRAPRE and TRA are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRAPRE and TRA are written during the count, values are
written to the reload register and counter. (Refer to 16.1.1.1 Timer Write
Control during Count Operation.)
Timer RA I/O Control Register
Symbol
Address
After Reset
TRAIOC
0101h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/TRAIO select bit
0 : INT1
_____
/TRAIO pin (P1_7)
1 : INT1
_____
/TRAIO pin (P1_5)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Reserved bit
TRAIO input filter select bits
Set to 0 in timer mode.
Set to 0.
RW
TRAIO polarity sw itch bit
0
TRAIO output control bit
Set to 0 in timer mode.
—
(b7-b6)
—
TOPCR
RW
—
(b2)
RW
RW
TIPF0
RW
TIPF1
00
b7 b6 b5 b4 b3 b2
TIOSEL
b1 b0
0
0
TEDGSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com