Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 170Page - Renesas Technology Corp R8C2K Datasheet HTML 171Page - Renesas Technology Corp R8C2K Datasheet HTML 172Page - Renesas Technology Corp R8C2K Datasheet HTML 173Page - Renesas Technology Corp R8C2K Datasheet HTML 174Page - Renesas Technology Corp R8C2K Datasheet HTML 175Page - Renesas Technology Corp R8C2K Datasheet HTML 176Page - Renesas Technology Corp R8C2K Datasheet HTML 177Page - Renesas Technology Corp R8C2K Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 157 of 450
REJ09B0406-0110
16.2.1
Timer Mode
In timer mode, a count source which is internally generated or timer RA underflows are counted (refer to Table
16.7 Timer Mode Specifications). Registers TRBOCR and TRBSC are not used in timer mode.
Figure 16.17 shows the TRBIOC Register in Timer Mode.
Figure 16.17
TRBIOC Register in Timer Mode
Table 16.7
Timer Mode Specifications
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement
• When the timer underflows, it reloads the reload register contents before the
count continues (when timer RB underflows, the contents of timer RB primary
reload register is reloaded).
Divide ratio
1/(n+1)(m+1)
n: setting value in TRBPRE register, m: setting value in TRBPR register
Count start condition
1 (count starts) is written to the TSTART bit in the TRBCR register.
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRBCR register.
• 1 (count forcibly stop) is written to the TSTOP bit in the TRBCR register.
Interrupt request
generation timing
When timer RB underflows [timer RB interrupt].
TRBO pin function
Programmable I/O port
INT0 pin function
Programmable I/O port or INT0 interrupt input
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE.
Write to timer
• When registers TRBPRE and TRBPR are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRBPRE and TRBPR are written to while count operation is in
progress:
If the TWRC bit in the TRBMR register is set to 0, the value is written to both
the reload register and the counter.
If the TWRC bit is set to 1, the value is written to the reload register only.
(Refer to 16.2.1.1 Timer Write Control during Count Operation.)
Timer RB I/O Control Register
Symbol
Address
After Reset
TRBIOC
010Ah
00h
Bit Symbol
Bit Name
Function
RW
RW
RW
One-shot trigger control bit
Set to 0 in timer mode.
RW
RW
00
TOPL
Timer RB output level select
bit
Timer RB output sw itch bit
b7 b6 b5 b4 b3 b2
INOSEG
b1 b0
00
INOSTG
TOCNT
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
One-shot trigger polarity
select bit
—
(b7-b4)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com