Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 173Page - Renesas Technology Corp R8C2K Datasheet HTML 174Page - Renesas Technology Corp R8C2K Datasheet HTML 175Page - Renesas Technology Corp R8C2K Datasheet HTML 176Page - Renesas Technology Corp R8C2K Datasheet HTML 177Page - Renesas Technology Corp R8C2K Datasheet HTML 178Page - Renesas Technology Corp R8C2K Datasheet HTML 179Page - Renesas Technology Corp R8C2K Datasheet HTML 180Page - Renesas Technology Corp R8C2K Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 160 of 450
REJ09B0406-0110
16.2.2
Programmable Waveform Generation Mode
In programmable waveform generation mode, the signal output from the TRBO pin is inverted each time the
counter underflows, while the values in registers TRBPR and TRBSC are counted alternately (refer to Table
16.8 Programmable Waveform Generation Mode Specifications). Counting starts by counting the setting
value in the TRBPR register. The TRBOCR register is unused in this mode.
Figure 16.19 shows the TRBIOC Register in Programmable Waveform Generation Mode. Figure 16.20 shows
an Operating Example of Timer RB in Programmable Waveform Generation Mode.
NOTES:
1. Even when counting the secondary period, the TRBPR register may be read.
2. The set values are reflected in the waveform output beginning with the following primary period after writing to
the TRBPR register.
3. The value written to the TOCNT bit is enabled by the following.
• When counting starts.
• When a timer RB interrupt request is generated.
The contents after the TOCNT bit is changed are reflected from the output of the following primary period.
Table 16.8
Programmable Waveform Generation Mode Specifications
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement
• When the timer underflows, it reloads the contents of the primary reload and secondary
reload registers alternately before the count continues.
Width and period of
output waveform
Primary period: (n+1)(m+1)/fi
Secondary period: (n+1)(p+1)/fi
Period: (n+1){(m+1)+(p+1)}/fi
fi: Count source frequency
n: Value set in TRBPRE register
m: Value set in TRBPR register
p: Value set in TRBSC register
Count start condition
1 (count start) is written to the TSTART bit in the TRBCR register.
Count stop conditions
• 0 (count stop) is written to the TSTART bit in the TRBCR register.
• 1 (count forcibly stop) is written to the TSTOP bit in the TRBCR register.
Interrupt request
generation timing
In half a cycle of the count source, after timer RB underflows during the secondary period
(at the same time as the TRBO output change) [timer RB interrupt]
TRBO pin function
Programmable output port or pulse output
INT0 pin function
Programmable I/O port or INT0 interrupt input
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE(1).
Write to timer
• When registers TRBPRE, TRBSC, and TRBPR are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRBPRE, TRBSC, and TRBPR are written to during count operation,
values are written to the reload registers only.(2)
Select functions
• Output level select function
The TOPL bit in the TRBIOC register selects the output level during primary and
secondary periods.
• TRBO pin output switch function
Timer RB pulse output or P1_3 latch output is selected by the TOCNT bit in the TRBIOC
register.(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com