Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 176Page - Renesas Technology Corp R8C2K Datasheet HTML 177Page - Renesas Technology Corp R8C2K Datasheet HTML 178Page - Renesas Technology Corp R8C2K Datasheet HTML 179Page - Renesas Technology Corp R8C2K Datasheet HTML 180Page - Renesas Technology Corp R8C2K Datasheet HTML 181Page - Renesas Technology Corp R8C2K Datasheet HTML 182Page - Renesas Technology Corp R8C2K Datasheet HTML 183Page - Renesas Technology Corp R8C2K Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 163 of 450
REJ09B0406-0110
16.2.3
Programmable One-shot Generation Mode
In programmable one-shot generation mode, a one-shot pulse is output from the TRBO pin by a program or an
external trigger input (input to the INT0 pin) (refer to Table 16.9 Programmable One-Shot Generation Mode
Specifications). When a trigger is generated, the timer starts operating from the point only once for a given
period equal to the set value in the TRBPR register. The TRBSC register is not used in this mode.
Figure 16.21 shows the TRBIOC Register in Programmable One-Shot Generation Mode. Figure 16.22 shows
an Operating Example of Programmable One-Shot Generation Mode.
NOTES:
1. The set value is reflected at the following one-shot pulse after writing to the TRBPR register.
2. Do not set both the TRBPRE and TRBPR registers to 00h.
Table 16.9
Programmable One-Shot Generation Mode Specifications
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement the setting value in the TRBPR register
• When the timer underflows, it reloads the contents of the reload register before
the count completes and the TOSSTF bit is set to 0 (one-shot stops).
• When the count stops, the timer reloads the contents of the reload register
before it stops.
One-shot pulse
output time
(n+1)(m+1)/fi
fi: Count source frequency,
n: Setting value in TRBPRE register, m: Setting value in TRBPR register(2)
Count start conditions • The TSTART bit in the TRBCR register is set to 1 (count starts) and the next
trigger is generated
• Set the TOSST bit in the TRBOCR register to 1 (one-shot starts)
• Input trigger to the INT0 pin
Count stop conditions • When reloading completes after timer RB underflows during primary period
• When the TOSSP bit in the TRBOCR register is set to 1 (one-shot stops)
• When the TSTART bit in the TRBCR register is set to 0 (stops counting)
• When the TSTOP bit in the TRBCR register is set to 1 (forcibly stops counting)
Interrupt request
generation timing
In half a cycle of the count source, after the timer underflows (at the same time as
the TRBO output ends) [timer RB interrupt]
TRBP pin function
Pulse output
INT0 pin functions
• When the INOSTG bit in the TRBIOC register is set to 0 (INT0 one-shot trigger
disabled): programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the TRBIOC register is set to 1 (INT0 one-shot trigger
enabled): external trigger (INT0 interrupt input)
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE.
Write to timer
• When registers TRBPRE and TRBPR are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TRBPRE and TRBPR are written during the count, values are
written to the reload register only (the data is transferred to the counter at the
following reload)(1).
Select functions
• Output level select function
The TOPL bit in the TRBIOC register selects the output level of the one-shot
pulse waveform.
• One-shot trigger select function
Refer to 16.2.3.1 One-Shot Trigger Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com