Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 180Page - Renesas Technology Corp R8C2K Datasheet HTML 181Page - Renesas Technology Corp R8C2K Datasheet HTML 182Page - Renesas Technology Corp R8C2K Datasheet HTML 183Page - Renesas Technology Corp R8C2K Datasheet HTML 184Page - Renesas Technology Corp R8C2K Datasheet HTML 185Page - Renesas Technology Corp R8C2K Datasheet HTML 186Page - Renesas Technology Corp R8C2K Datasheet HTML 187Page - Renesas Technology Corp R8C2K Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 167 of 450
REJ09B0406-0110
16.2.4
Programmable Wait One-Shot Generation Mode
In programmable wait one-shot generation mode, a one-shot pulse is output from the TRBO pin by a program
or an external trigger input (input to the INT0 pin) (refer to Table 16.10 Programmable Wait One-Shot
Generation Mode Specifications). When a trigger is generated from that point, the timer outputs a pulse only
once for a given length of time equal to the setting value in the TRBSC register after waiting for a given length
of time equal to the setting value in the TRBPR register.
Figure 16.23 shows the TRBIOC Register in Programmable Wait One-Shot Generation Mode. Figure 16.24
shows an Operating Example of Programmable Wait One-Shot Generation Mode.
NOTES:
1. The set value is reflected at the following one-shot pulse after writing to registers TRBSC and TRBPR.
2. Do not set both the TRBPRE and TRBPR registers to 00h.
Table 16.10
Programmable Wait One-Shot Generation Mode Specifications
Item
Specification
Count sources
f1, f2, f8, timer RA underflow
Count operations
• Decrement the timer RB primary setting value.
• When a count of the timer RB primary underflows, the timer reloads the contents of
timer RB secondary before the count continues.
• When a count of the timer RB secondary underflows, the timer reloads the contents
of timer RB primary before the count completes and the TOSSTF bit is set to 0
(one-shot stops).
• When the count stops, the timer reloads the contents of the reload register before it
stops.
Wait time
(n+1)(m+1)/fi
fi: Count source frequency
n: Value set in the TRBPRE register, m Value set in the TRBPR register(2)
One-shot pulse output time
(n+1)(p+1)/fi
fi: Count source frequency
n: Value set in the TRBPRE register, p: Value set in the TRBSC register
Count start conditions
• The TSTART bit in the TRBCR register is set to 1 (count starts) and the next trigger
is generated.
• Set the TOSST bit in the TRBOCR register to 1 (one-shot starts).
• Input trigger to the INT0 pin
Count stop conditions
• When reloading completes after timer RB underflows during secondary period.
• When the TOSSP bit in the TRBOCR register is set to 1 (one-shot stops).
• When the TSTART bit in the TRBCR register is set to 0 (starts counting).
• When the TSTOP bit in the TRBCR register is set to 1 (forcibly stops counting).
Interrupt request generation
timing
In half a cycle of the count source after timer RB underflows during secondary period
(complete at the same time as waveform output from the TRBO pin) [timer RB
interrupt].
TRBO pin function
Pulse output
INT0 pin functions
• When the INOSTG bit in the TRBIOC register is set to 0 (INT0 one-shot trigger
disabled): programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the TRBIOC register is set to 1 (INT0 one-shot trigger
enabled): external trigger (INT0 interrupt input)
Read from timer
The count value can be read out by reading registers TRBPR and TRBPRE.
Write to timer
• When registers TRBPRE, TRBSC, and TRBPR are written while the count stops,
values are written to both the reload register and counter.
• When registers TRBPRE, TRBSC, and TRBPR are written to during count
operation, values are written to the reload registers only.(1)
Select functions
• Output level select function
The TOPL bit in the TRBIOC register selects the output level of the one-shot pulse
waveform.
• One-shot trigger select function
Refer to 16.2.3.1 One-Shot Trigger Selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com