Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 179Page - Renesas Technology Corp R8C2K Datasheet HTML 180Page - Renesas Technology Corp R8C2K Datasheet HTML 181Page - Renesas Technology Corp R8C2K Datasheet HTML 182Page - Renesas Technology Corp R8C2K Datasheet HTML 183Page - Renesas Technology Corp R8C2K Datasheet HTML 184Page - Renesas Technology Corp R8C2K Datasheet HTML 185Page - Renesas Technology Corp R8C2K Datasheet HTML 186Page - Renesas Technology Corp R8C2K Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 166 of 450
REJ09B0406-0110
16.2.3.1
One-Shot Trigger Selection
In programmable one-shot generation mode and programmable wait one-shot generation mode, operation starts
when a one-shot trigger is generated while the TCSTF bit in the TRBCR register is set to 1 (count starts).
A one-shot trigger can be generated by either of the following causes:
• 1 is written to the TOSST bit in the TRBOCR register by a program.
• Trigger input from the INT0 pin.
When a one-shot trigger occurs, the TOSSTF bit in the TRBOCR register is set to 1 (one-shot operation in
progress) after one or two cycles of the count source have elapsed. Then, in programmable one-shot generation
mode, count operation begins and one-shot waveform output starts. (In programmable wait one-shot generation
mode, count operation starts for the wait period.) If a one-shot trigger occurs while the TOSSTF bit is set to 1,
no retriggering occurs.
To use trigger input from the INT0 pin, input the trigger after making the following settings:
• Set the PD4_5 bit in the PD4 register to 0 (input port).
• Select the INT0 digital filter with bits INT0F1 and INT0F0 in the INTF register.
• Select both edges or one edge with the INT0PL bit in INTEN register. If one edge is selected, further select
falling or rising edge with the INOSEG bit in TRBIOC register.
• Set the INT0EN bit in the INTEN register to 0 (enabled).
• After completing the above, set the INOSTG bit in the TRBIOC register to 1 (INT pin one-shot trigger
enabled).
Note the following points with regard to generating interrupt requests by trigger input from the INT0 pin.
• Processing to handle the interrupts is required. Refer to 12. Interrupts, for details.
• If one edge is selected, use the POL bit in the INT0IC register to select falling or rising edge. (The
INOSEG bit in the TRBIOC register does not affect INT0 interrupts).
• If a one-shot trigger occurs while the TOSSTF bit is set to 1, timer RB operation is not affected, but the
value of the IR bit in the INT0IC register changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com