Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 183Page - Renesas Technology Corp R8C2K Datasheet HTML 184Page - Renesas Technology Corp R8C2K Datasheet HTML 185Page - Renesas Technology Corp R8C2K Datasheet HTML 186Page - Renesas Technology Corp R8C2K Datasheet HTML 187Page - Renesas Technology Corp R8C2K Datasheet HTML 188Page - Renesas Technology Corp R8C2K Datasheet HTML 189Page - Renesas Technology Corp R8C2K Datasheet HTML 190Page - Renesas Technology Corp R8C2K Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 170 of 450
REJ09B0406-0110
16.2.5
Notes on Timer RB
• Timer RB stops counting after a reset. Set the values in the timer RB and timer RB prescalers before the
count starts.
• Even if the prescaler and timer RB is read out in 16-bit units, these registers are read 1 byte at a time by the
MCU. Consequently, the timer value may be updated during the period when these two registers are being
read.
• In programmable one-shot generation mode and programmable wait one-shot generation mode, when
setting the TSTART bit in the TRBCR register to 0, 0 (stops counting) or setting the TOSSP bit in the
TRBOCR register to 1 (stops one-shot), the timer reloads the value of reload register and stops. Therefore,
in programmable one-shot generation mode and programmable wait one-shot generation mode, read the
timer count value before the timer stops.
• The TCSTF bit remains 0 (count stops) for 1 to 2 cycles of the count source after setting the TSTART bit to
1 (count starts) while the count is stopped.
During this time, do not access registers associated with timer RB(1) other than the TCSTF bit. Timer RB
starts counting at the first valid edge of the count source after the TCSTF bit is set to 1 (during count).
The TCSTF bit remains 1 for 1 to 2 cycles of the count source after setting the TSTART bit to 0 (count
stops) while the count is in progress. Timer RB counting is stopped when the TCSTF bit is set to 0.
During this time, do not access registers associated with timer RB(1) other than the TCSTF bit.
NOTE:
1. Registers associated with timer RB: TRBCR, TRBOCR, TRBIOC, TRBMR, TRBPRE, TRBSC,
and TRBPR.
• If the TSTOP bit in the TRBCR register is set to 1 during timer operation, timer RB stops immediately.
• If 1 is written to the TOSST or TOSSP bit in the TRBOCR register, the value of the TOSSTF bit changes
after one or two cycles of the count source have elapsed. If the TOSSP bit is written to 1 during the period
between when the TOSST bit is written to 1 and when the TOSSTF bit is set to 1, the TOSSTF bit may be
set to either 0 or 1 depending on the content state. Likewise, if the TOSST bit is written to 1 during the
period between when the TOSSP bit is written to 1 and when the TOSSTF bit is set to 0, the TOSSTF bit
may be set to either 0 or 1.
16.2.5.1
Timer mode
The following workaround should be performed in timer mode.
To write to registers TRBPRE and TRBPR during count operation (TCSTF bit is set to 1), note the following
points:
• When the TRBPRE register is written continuously, allow three or more cycles of the count source for each
write interval.
• When the TRBPR register is written continuously, allow three or more cycles of the prescaler underflow
for each write interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com