Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 198Page - Renesas Technology Corp R8C2K Datasheet HTML 199Page - Renesas Technology Corp R8C2K Datasheet HTML 200Page - Renesas Technology Corp R8C2K Datasheet HTML 201Page - Renesas Technology Corp R8C2K Datasheet HTML 202Page - Renesas Technology Corp R8C2K Datasheet HTML 203Page - Renesas Technology Corp R8C2K Datasheet HTML 204Page - Renesas Technology Corp R8C2K Datasheet HTML 205Page - Renesas Technology Corp R8C2K Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 185 of 450
REJ09B0406-0110
Figure 16.38
Registers TRCIOR0 and TRCIOR1
Timer RC I/O Control Register 0
(1)
Symbol
Address
After Reset
TRCIOR0
0124h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4. The IOA3 bit is enabled w hen the IOA2 bit is set to 1 (input capture function).
TRCGRB control bits
Function varies according to the operating mode
(function).
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOB0
IOB1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRB mode select bit(3)
The TRCIOR0 register is enabled in timer mode. It is disabled in modes PWM and PWM2.
—
(b7)
b3 b2
IOA3
b1 b0
IOA2
b7 b6 b5 b4
RW
RW
IOA1
IOA0
TRCGRA control bits
Function varies according to the operating mode
(function).
IOB2
RW
TRCGRA mode select bit(2)
0 : Output compare function
1 : Input capture function
RW
TRCGRA input capture input
sw itch bit(4)
0 : fOCO128 signal
1 : TRCIOA pin input
RW
0 : Output compare function
1 : Input capture function
RW
Timer RC I/O Control Register 1
(1)
Symbol
Address
After Reset
TRCIOR1
0125h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
The TRCIOR1 register is enabled in timer mode. It is disabled in modes PWM and PWM2.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
TRCGRC mode select bit(2)
0 : Output compare function
1 : Input capture function
RW
—
—
(b7)
IOD2
RW
TRCGRD control bits
RW
RW
IOC1
IOC0
TRCGRC control bits
Function varies according to the operating mode
(function).
b7 b6 b5 b4
IOC2
0 : Output compare function
1 : Input capture function
b3 b2
—
(b3)
b1 b0
RW
Function varies according to the operating mode
(function).
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOD0
IOD1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRD mode select bit(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com