Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2K Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 202Page - Renesas Technology Corp R8C2K Datasheet HTML 203Page - Renesas Technology Corp R8C2K Datasheet HTML 204Page - Renesas Technology Corp R8C2K Datasheet HTML 205Page - Renesas Technology Corp R8C2K Datasheet HTML 206Page - Renesas Technology Corp R8C2K Datasheet HTML 207Page - Renesas Technology Corp R8C2K Datasheet HTML 208Page - Renesas Technology Corp R8C2K Datasheet HTML 209Page - Renesas Technology Corp R8C2K Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 471 page
background image
R8C/2K Group, R8C/2L Group
16. Timers
Rev.1.10
Dec 21, 2007
Page 189 of 450
REJ09B0406-0110
16.3.3.3
Digital Filter
The input to TRCTRG or TRCIOj (j = A, B, C, or D) is sampled, and the level is considered to be determined
when three matches occur. The digital filter function and sampling clock are selected using the TRCDF register.
Figure 16.42 shows a Block Diagram of Digital Filter.
Figure 16.42
Block Diagram of Digital Filter
C
DQ
Latch
C
DQ
Latch
C
DQ
Latch
Match detect
circuit
Edge detect
circuit
DFj (or DFTRG)
Sampling clock
IOA2 to IOA0
IOB2 to IOB0
IOC2 to IOC0
IOD2 to IOD0
(or TCEG1 to TCEG0)
DFCK1 to DFCK0
TRCIOj input signal
(or TRCTRG input
signal)
Clock cycle selected by
TCK2 to TCK0
(or DFCK1 to DFCK0)
Sampling clock
TRCIOj input signal
(or TRCTRG input signal)
Input signal after passing
through digital filter
If fewer than three matches occur,
the matches are treated as noise
and no transmission is performed.
Maximum signal transmission
delay is five sampling clock
pulses.
Three matches occur and a
signal change is confirmed.
f32
f8
f1
j = A, B, C, or D
TCK0 to TCK2: Bits in TRCCR1 register
DFTRG, DFCK0 to DFCK1, DFj: Bits in TRCDF register
IOA0 to IOA2, IOB0 to IOB2: Bits in TRCIOR0 register
IOC0 to IOC2, IOD0 to IOD2: Bits in TRCIOR1 register
TCEG1 to TCEG0: Bits in TRCCR2 register
C
DQ
Latch
C
DQ
Latch
Timer RC operation clock
f1 or fOCO40M
Count source
= 00b
= 01b
= 10b
= 11b
TCK2 to TCK0
1
0
= 001b
= 010b
= 011b
= 000b
= 100b
= 101b
f1
f32
TRCCLK
f8
f4
f2
fOCO40M
= 110b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com